Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101T1D8APE Datasheet(PDF) 5 Page - C&K Components

Part # 7101T1D8APE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101T1D8APE Datasheet(HTML) 5 Page - C&K Components

  7101T1D8APE Datasheet HTML 1Page - C&K Components 7101T1D8APE Datasheet HTML 2Page - C&K Components 7101T1D8APE Datasheet HTML 3Page - C&K Components 7101T1D8APE Datasheet HTML 4Page - C&K Components 7101T1D8APE Datasheet HTML 5Page - C&K Components 7101T1D8APE Datasheet HTML 6Page - C&K Components 7101T1D8APE Datasheet HTML 7Page - C&K Components 7101T1D8APE Datasheet HTML 8Page - C&K Components 7101T1D8APE Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
F–7
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
ACTUATOR
Replaces K1, K18
Replaces K, K8
*
Gloss Plastic
Chrome Finish
No color choice required.
Locking Positions
–03 & –11 Models
3 Position lock
–05, –09 & –15 Models
1 Position lock
–07 & –13 Models
2 Position lock
–01 Models
2 Position lock
–08 Models
1 Position lock
* Add .070 (1,78) for D, D8 & D9 bushings,
subtract .020 (0,51) for H3 bushing.
Finish: Matte (L41 & L42).
L40
LEVER HANDLE WITHOUT CAP
L41
PLASTIC LEVER HANDLE WITH
ANTIROTATION AND CAP, P/N 4810
L42
PLASTIC LEVER HANDLE WITH
ANTIROTATION AND CAP, P/N 4811
K9
LOCKING LEVER, .704" HIGH
(unthreaded)
K2
LOCKING LEVER, .704" HIGH
(threaded)
K19
LOCKING LEVER, .732" HIGH
(unthreaded)
K12
LOCKING LEVER, .732" HIGH
(threaded)
NOTE: To prevent accidental actuation, toggle must be lifted
before being actuated. When released, toggle will lock in place.
Overtightening mounting nut may cause actuator to bind.
Locking levers supplied with bushing shown.
Bushing option code not required unless CW splashproof
bushing ordered.
NOTE: Lever handle for L41 & L42 actuators supplied, but not installed. For interchangeability,
order L40 actuator option and lever handles separately, see page F-16. L4X actuators not
available with H4, Y1, Y4 bushings. Antirotation: Provides anti-‘push-in’ feature on actuator.
NONE
NATURAL ALUMINUM–With Nickle Plated Bushing
2
BLACK ANODIZED ALUMINUM
3
RED ANODIZED ALUMINUM
7
BLUE ANODIZED ALUMINUM
ACTUATOR CAP FINISH
OPTION
CODE
NONE
No Actuator Color (L40 option)
2
BLACK
3
RED
PLASTIC ACTUATOR
COLORS
OPTION
CODE
ACTUATOR FINISH/COLOR
ACTUATOR
L3
PLASTIC .940” HIGH


Similar Part No. - 7101T1D8APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
More results

Similar Description - 7101T1D8APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com