Electronic Components Datasheet Search |
|
243-02A Datasheet(PDF) 2 Page - Tyco Electronics |
|
243-02A Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 12 page 240 Series DIN Panel Meters 9 DIN 16257 symbol meaning for calibration position Vertical Horizontal Inclined 60° Inclination of dial surface to the horizontal e.g 60°. Required orientation must always be stated when ordering if other than vertical mounting is required. Specification Continued Case Dimensions and panel cutout conform to IEC473, DIN 43700. Models 242, 243 and 244 have cases and bezels injection moulded in flame retardant engineering thermoplastic, recognised by Underwriters Laboratory materials specification. All 246 models have pressed steel cases. Bezel Slim-line DIN43802 black as standard Bezel Window Standard sheet glass, with zero adjusters where appropriate. Non reflecting glass or polycarbonate shatterproof windows are available. Installation Installations in switchboard panel or mosaic arrangement on equipment or machine with a panel thickness of up to 40mm in a horizontal or vertical plane. Installation Category III Fixing on Panel Models 242, 243 and 244 – 2 corner fixing clamps and tensioning thumb screws Model 242 – available with a one piece ‘push on’ clamp. Model 246 - 2 side fixing spring clips Mounting Position Normal vertical mounting or as indicated on the scale in accordance with DIN 16257. A deviation of ±15° is permissible Approvals Lloyds Shipping (LRS), Bureau Veritas (BV), EMC and LVD Dimensions Model 242 243 244 246 Bezel ‘A’ 48 x 48 72 x 72 96 x 96 144 x 144 Panel cut-out ‘B’ 45 x 45 68 x 68 92 x 92 138 x 138 Scale Length: 90° 42 65 94 145 Scale Length: 240° 72 112 150 230 Maximum overall depth ‘C’: Ammeters and Voltmeters A.C. & D.C.* 64 64 64 60 Ammeters and Voltmeters with switch* –– 64 – Dual Meters* – – 64 – Elapsed Time Meter/Hours Run* 64 64 64 – Maximum Demand Indicator* – 64 64 60 Combined MDI & MI Indicator* – – 64 60 Maximum Demand Indicator with relay* –– 90 – Frequency Meter 90°* 64 64 64 60 Frequency Meter 240°* § § 120 125 Phase Angle, Power Factor Meter 90°* § § 107 § 240°* § § 107 § M.C. Indicator with separate transducer* 64 64 64 60 Dynamometer 360° Synchroscope* – – 120 125 Dynamometer 360° Power Factor Meter* – – 120 – Phase Sequence Indicator* – 64 64 – Position Indicator* § § 120 125 Speed Indicator* 64 64 64 60 Temperature Indicators* – – 120 125 Quadra Meters* – – 64 – Impulse Counters* 64 64 64 – Wattmeter, Varmeter 90° § § 107 125 Wattmeter, Varmeter 240° § § 107 125 Model 244-21Y & 244-21Z – – 142 – LED Synchroscope & Synchro Check Relay –– 80 – LED 360° Synchroscope – – 80 – § Indicator Only * If separate terminal cover is used add 20 mm to dimension C – Not available Panel cut-out Maximum Panel thickness 10mm B B A A C |
Similar Part No. - 243-02A |
|
Similar Description - 243-02A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |