Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30030 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 30030
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30030 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 30030 Datasheet HTML 4Page - Tyco Electronics 30030 Datasheet HTML 5Page - Tyco Electronics 30030 Datasheet HTML 6Page - Tyco Electronics 30030 Datasheet HTML 7Page - Tyco Electronics 30030 Datasheet HTML 8Page - Tyco Electronics 30030 Datasheet HTML 9Page - Tyco Electronics 30030 Datasheet HTML 10Page - Tyco Electronics 30030 Datasheet HTML 11Page - Tyco Electronics 30030 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Tyco Electronics UK Limited
Crompton Instruments
Freebournes Road, Witham, Essex, CM8 3AH, UK
Phone: +44 1376 509 509 Fax: +44 1376 509 511
http://energy.tycoelectronics.com
The Information contained in these installation instructions is for use only by installers trained to make electrical power installations and is intended to describe the
correct method of installation for this product. However, Tyco Electronics has no control over the field conditions, which influence product installation.
It is the user's responsibility to determine the suitability of the installation method in the user's field conditions. Tyco Electronics' only obligations are those in Tyco
Electronics' standard Conditions of Sale for this product and in no case will Tyco Electronics be liable for any other incidental, indirect or consequential damages
arising from the use or misuse of the products. Crompton is a trademark.
Analogue Instruments
DIN Panel Meters
Page 2 of 2
Ref: DIN – Rev 1 – Sept 02
INSTALLATION INSTRUCTIONS
D
A
B
48 x 48
45 x 45
4
72 x 72
68 x 68
4
96 x 96
92 x 92
4
144 x 144
135 x 135
4


Similar Part No. - 30030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
30030-23 NSC-30030-23 Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
PHOENIX CONTACT
3003000 PHOENIX-3003000 Datasheet
38Kb / 1P
   EBL 1/3-5 METALL
3003017 PHOENIX-3003017 Datasheet
116Kb / 5P
   UK 4
logo
Molex Electronics Ltd.
300302B MOLEX1-300302B Datasheet
306Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 23.80mm (.937")
300302B MOLEX11-300302B Datasheet
74Kb / 2P
   KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 23.80mm
More results

Similar Description - 30030

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com