Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44703 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44703
Description  N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44703 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44703 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44703 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44703 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402 from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, RG402 PE44703
URL: http://www.pasternack.com/n-male-standard-pe-sr402al-pe-sr402fl-pe-sr402flj-connector-pe44703-p.aspx
N Male Right Angle Precision Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44703
PE44703 REV


Similar Part No. - PE44703

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4470 PASTERNACK-PE4470 Datasheet
229Kb / 3P
   TNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4470 PASTERNACK-PE4470 Datasheet
324Kb / 3P
   TNC Male Connector Solder Attachment
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
   N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
   N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44702 PASTERNACK-PE44702 Datasheet
851Kb / 3P
   N Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44703

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
   N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44693 PASTERNACK-PE44693 Datasheet
844Kb / 3P
   SMA Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
   TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
   SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
   TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44705 PASTERNACK-PE44705 Datasheet
864Kb / 2P
   N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
   SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44707 PASTERNACK-PE44707 Datasheet
879Kb / 3P
   N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
   TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
   N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com