Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4351 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4351
Description  Increasing the Number of Outputs from a Clock Source Using Low Jitter LVPECL Fanout Buffers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 3 Page - Analog Devices

  ADF4351 Datasheet HTML 1Page - Analog Devices ADF4351 Datasheet HTML 2Page - Analog Devices ADF4351 Datasheet HTML 3Page - Analog Devices ADF4351 Datasheet HTML 4Page - Analog Devices ADF4351 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0294
Rev. 0 | Page 3 of 5
Logic Level Measurement
In this example, the Rohde & Schwarz RTO1024 oscilloscope is
used together with two RT-ZS30 active probes to accurately
measure the high speed logic levels.
Install the ADF435x software to PC by doing the following:
1. Connect the EVAL-ADF4351EB1Z to the PC, follow the
hardware driver instructions as per UG-435.
2. Program the ADF4351 PLL as per the screenshot of the
ADF435x software (see Figure 3). In this example, an RF
frequency of 1 GHz is chosen.
3. Using two equal length short SMA cables, connect the
RFOUTA+ and RFOUTA− SMA connectors from the EVAL-
ADF4351EB1Z board to the CLK0/CLK0 SMA connectors
of the ADCLK948/PCBZ board.
4. Connect the differential output OUT2/OUT2 of the
ADCLK948/PCBZ to the high speed oscilloscope. See
Figure 4 for typical waveforms for a 1 GHz output.
Figure 3. ADF4351 Software Settings
Figure 4. ADCLK948 Oscilloscope Output for 1 GHz Logic Signal, Horizontal Axis: 200 ps/DIV, Vertical Axis: 200 mV/DIV


Similar Part No. - ADF4351

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4351 AD-ADF4351 Datasheet
592Kb / 28P
   Wideband Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADF4351 AD-ADF4351 Datasheet
1Mb / 20P
   Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
ADF4351 AD-ADF4351 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADF4351 AD-ADF4351 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADF4351

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI5332X SKYWORKS-SI5332X Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
logo
Skyworks Solutions Inc.
SI5336X SKYWORKS-SI5336X Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Analog Devices
ADCLK946 AD-ADCLK946_17 Datasheet
335Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
STMicroelectronics
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
   Virtually increasing the number of serial communication peripherals in STM32 applications
logo
Skyworks Solutions Inc.
SI5334X SKYWORKS-SI5334X Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com