Electronic Components Datasheet Search |
|
A54SX08A-2PQG208I Datasheet(PDF) 9 Page - Actel Corporation |
|
A54SX08A-2PQG208I Datasheet(HTML) 9 Page - Actel Corporation |
9 / 108 page SX-A Family FPGAs v5.3 1-5 Clock Resources Actel’s high-drive routing structure provides three clock networks (Table 1-1). The first clock, called HCLK, is hardwired from the HCLK buffer to the clock select multiplexor (MUX) in each R-cell. HCLK cannot be connected to combinatorial logic. This provides a fast propagation path for the clock signal. If not used, this pin must be set as Low or High on the board. It must not be left floating. Figure 1-7 describes the clock circuit used for the constant load HCLK and the macros supported. HCLK does not function until the fourth clock cycle each time the device is powered up to prevent false output levels due to any possible slow power-on-reset signal and fast start-up clock circuit. To activate HCLK from the first cycle, the TRST pin must be reserved in the Design software and the pin must be tied to GND on the board. Two additional clocks (CLKA, CLKB) are global clocks that can be sourced from external pins or from internal logic signals within the SX-A device. CLKA and CLKB may be connected to sequential cells or to combinational logic. If CLKA or CLKB pins are not used or sourced from signals, these pins must be set as Low or High on the board. They must not be left floating. Figure 1-8 describes the CLKA and CLKB circuit used and the macros supported in SX-A devices with the exception of A54SX72A. In addition, the A54SX72A device provides four quadrant clocks (QCLKA, QCLKB, QCLKC, and QCLKD— corresponding to bottom-left, bottom-right, top-left, and top-right locations on the die, respectively), which can be sourced from external pins or from internal logic signals within the device. Each of these clocks can individually drive up to an entire quadrant of the chip, or they can be grouped together to drive multiple quadrants (Figure 1-9 on page 1-6). QCLK pins can function as user I/O pins. If not used, the QCLK pins must be tied Low or High on the board and must not be left floating. For more information on how to use quadrant clocks in the A54SX72A device, refer to the Global Clock Networks in Actel’s Antifuse Devices and Using A54SX72A and RT54SX72S Quadrant Clocks application notes. The CLKA, CLKB, and QCLK circuits for A54SX72A as well as the macros supported are shown in Figure 1-10 on page 1-6. Note that bidirectional clock buffers are only available in A54SX72A. For more information, refer to the "Pin Description" section on page 1-15. Table 1-1 • SX-A Clock Resources A54SX08A A54SX16A A54SX32A A54SX72A Routed Clocks (CLKA, CLKB) 2 2 2 2 Hardwired Clocks (HCLK) 1 1 1 1 Quadrant Clocks (QCLKA, QCLKB, QCLKC, QCLKD) 0 0 0 4 Figure 1-7 • SX-A HCLK Clock Buffer Figure 1-8 • SX-A Routed Clock Buffer Constant Load Clock Network HCLKBUF Clock Network From Internal Logic CLKBUF CLKBUFI CLKINT CLKINTI |
Similar Part No. - A54SX08A-2PQG208I |
|
Similar Description - A54SX08A-2PQG208I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |