Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7525B Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA7525B
Description  Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7525B Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA7525B Datasheet HTML 7Page - Fairchild Semiconductor KA7525B Datasheet HTML 8Page - Fairchild Semiconductor KA7525B Datasheet HTML 9Page - Fairchild Semiconductor KA7525B Datasheet HTML 10Page - Fairchild Semiconductor KA7525B Datasheet HTML 11Page - Fairchild Semiconductor KA7525B Datasheet HTML 12Page - Fairchild Semiconductor KA7525B Datasheet HTML 13Page - Fairchild Semiconductor KA7525B Datasheet HTML 14Page - Fairchild Semiconductor KA7525B Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
KA7525B
11
The equation below describes the relationship between multiplier output and inputs.
Vmo = K
× Vm1 × (Vm2-Vref)
K
: Multiplier gain
Vm1: Voltage at Pin 3
Vm2: Error amp output voltage
Vmo: Multiplier output voltage
Current Sense Comparator
The current sense comparator RS latch configuration used ensures that only a single pulse appears at the drive output during a
given cycle. MOSFET drain current is converted to voltage using an external sense resistor in series with the external power
MOSFET. When sense voltage exceeds the threshold set by the multiplier output, the current sense comparator terminates the
gate drive to the MOSFET and resets the PWM latch. The latch insures that the output remains in a low state after the MOS-
FET drain current falls back to zero.
The peak inductor current under normal operating conditions is controlled by the multiplier output, Vmo.
Abnormal operating conditions occur during preconverter start-up at extremely high line or if output voltage sensing is lost.
Under these conditions, the multiplier output and current sense threshold will be internally clamped to 1.24V. Therefore, the
maximum peak switch current is limited to:
Ipk(max) = 1.24V / Rsense
Internal R,C filter has been included to attenuate any high frequency noise that may be present on the current waveform. These
circuit block eliminate the need for an external RC filter otherwise required for proper operation of the circuit.
+
-
+
-
+
+
Vref
2
3
1.24V
Current Sense
Comparator
Error Amp.
Vmo
Vm1
Vm2
INV
MULT
EA OUT
+
-
1
Figure 3.1 Multiplier Block
4
CS
LEB Delay(KA7525)
4
cs
1.24V
Multiplier
Output
Rsense
eliminated
Low Pass Filter can be
Figure 4.1 Current Sense Circuit
+
-
RC filter


Similar Part No. - KA7525B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA75250 FAIRCHILD-KA75250 Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
55Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
48Kb / 8P
   Voltage Detector
KA75250Z FAIRCHILD-KA75250Z Datasheet
55Kb / 8P
   Voltage Detector
More results

Similar Description - KA7525B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com