Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603SFP350F Datasheet(PDF) 7 Page - Tyco Electronics

Part # 0603SFP350F
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP350F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 0603SFP350F Datasheet HTML 3Page - Tyco Electronics 0603SFP350F Datasheet HTML 4Page - Tyco Electronics 0603SFP350F Datasheet HTML 5Page - Tyco Electronics 0603SFP350F Datasheet HTML 6Page - Tyco Electronics 0603SFP350F Datasheet HTML 7Page - Tyco Electronics 0603SFP350F Datasheet HTML 8Page - Tyco Electronics 0603SFP350F Datasheet HTML 9Page - Tyco Electronics 0603SFP350F Datasheet HTML 10Page - Tyco Electronics 0603SFP350F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
81
11
Very Fast-acting chip fuses help provide overcurrent
protection on systems using DC power sources up to
32V
DC. The fuse’s monolithic, multilayer design provides
the highest hold current in the smallest footprint,
reduces
diffusion-related
aging,
improves
product
reliability and resilience, and enhances high-temperature
performance in a wide range of circuit designs.
These RoHS-compliant surface-mount devices offer
strong arc suppression characteristics and facilitate the
development
of
more
reliable,
high
performance
consumer
electronics
such
as
laptops,
multimedia
devices, cell phones, and other portable electronics.
• Very fast acting at 200% and 300% overloads
• Excellent inrush current withstanding capability at
high overloads
• Thin body for space limiting applications
• Glass ceramic monolithic structure
• Silver fusing element and silver termination with
nickel and tin plating
• RoHS compliant and lead-free materials
• Symmetrical design with marking on both sides
(optional)
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
• Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
0603 Very Fast-Acting Chip Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
W
W
W
W
W
W
W
W
W
W
W
W
NEW


Similar Part No. - 0603SFP350F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFF025F/32 MACOM-0603SFF025F/32 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
0603SFF038F/32 MACOM-0603SFF038F/32 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
0603SFF050/24-2 MACOM-0603SFF050/24-2 Datasheet
337Kb / 6P
   Fast-Acting Chip Fuses
0603SFF050F/24-2 MACOM-0603SFF050F/24-2 Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
0603SFF050F/24-2 MACOM-0603SFF050F/24-2 Datasheet
213Kb / 8P
   Slow-Blow Chip Fuses
More results

Similar Description - 0603SFP350F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E63843-000 MACOM-E63843-000 Datasheet
2Mb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com