Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-2013289-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-2013289-2
Description  DDR3 DIMM Sockets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-2013289-2 Datasheet(HTML) 3 Page - Tyco Electronics

  2-2013289-2 Datasheet HTML 1Page - Tyco Electronics 2-2013289-2 Datasheet HTML 2Page - Tyco Electronics 2-2013289-2 Datasheet HTML 3Page - Tyco Electronics 2-2013289-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DDR3 DIMM Sockets
TE Connectivity
PRODUCT OFFERING Cont.
DDR3 DIMM 240 position Vertical Thru Hole
Part Number
Contact Plating
Housing Color
Extractor
Color
Tail Length
Packaging
1932000-1
Gold Flash
Natural
Natural
2.67 mm
Tray
1932000-2
Gold Flash
Natural
Natural
3.18 mm
Tray
1932000-3
Gold Flash
Natural
Natural
4.00 mm
Tray
1932000-4
Gold (15)
Natural
Natural
2.67 mm
Tray
1932000-5
Gold (15)
Natural
Natural
3.18 mm
Tray
1932000-6
Gold (15)
Natural
Natural
4.00 mm
Tray
1932000-7
Gold Flash
Black
Natural
2.67 mm
Tray
1-1932000-0
Gold (15)
Black
Natural
2.67 mm
Tray
1-1932000-1
Gold (15)
Black
Natural
3.18 mm
Tray
1-1932000-5
Gold Flash
Black
Black
4.00 mm
Tray
1-1932000-6
Gold (15)
Black
Black
2.67 mm
Tray
1-1932000-7
Gold (15)
Black
Black
3.18 mm
Tray
2-1932000-1
Gold (15)
Orange
Natural
2.67 mm
Tray
2-1932000-5
Gold (15)
Blue
Natural
2.67 mm
Tray
3-1932000-3
Gold (15)
Green
Natural
2.67 mm
Tray
4-1932000-6
Gold (30)
Black
Natural
2.67 mm
Tray
4-1932000-7
Gold (30)
Black
Natural
3.18 mm
Tray
4-1932000-8
Gold (30)
Black
Natural
4.00 mm
Tray
5-1932000-1
Gold (30)
Black
Black
3.18 mm
Tray
5-1932000-2
Gold (30)
Black
Black
4.00 mm
Tray
6-1932000-4
Gold Flash
Blue
Natural
2.54 mm
Tray
6-1932000-5
Gold Flash
Pink
Natural
2.54 mm
Tray
7-1932000-2
Gold (15)
Blue
Natural
2.67 mm
Tray
7-1932000-5
Gold (30)
Black
Natural
2.54 mm
Tray
7-1932000-6
Gold (30)
Black
Black
2.54 mm
Tray
DDR3 DIMM 240 position Low Resistance Vertical Thru Hole
Part Number
Contact Plating
Housing Color
Extractor
Color
Tail Length
Packaging
1932031-4
Gold (15)
Natural
Natural
2.67 mm
Tray
1932031-5
Gold (15)
Natural
Natural
3.18 mm
Tray
1-1932031-0
Gold (15)
Black
Natural
2.67 mm
Tray
1-1932031-1
Gold (15)
Black
Natural
3.18 mm
Tray
1-1932031-5
Gold Flash
Black
Black
4.00 mm
Tray
1-1932031-6
Gold (15)
Black
Black
2.67 mm
Tray
2-1932031-5
Gold (15)
Blue
Natural
2.67 mm
Tray
2-1932031-6
Gold (15)
Blue
Natural
3.18 mm
Tray
3-1932031-4
Gold (15)
Green
Natural
3.18 mm
Tray
4-1932031-7
Gold (30)
Black
Natural
3.18 mm
Tray
4-1932031-9
Gold (30)
Blue
Natural
3.18 mm
Tray
5-1932031-8
Gold (15)
Blue
Natural
3.18 mm
Tray
5-1932031-9
Gold (30)
Natural
Natural
3.18 mm
Tray
DDR3 SO DIMM 204 position Right Angle Surface Mount 10.1 mm Height
Part Number
Keying
Contact
Plating
Housing
Color
Boss
Packaging
2-1932393-1
Standard
Gold flash
Black
With
Reel
2-1932392-1
Reverse
Gold flash
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 4.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013022-1
2013287-1
Gold flash
Black
With
Tray
2013022-2
2013287-2
Gold (10)
Black
With
Tray
2013022-3
2013287-3
Gold (30)
Black
With
Tray
2-2013022-1
2-2013287-1
Gold flash
Black
With
Reel
2-2013022-2
2-2013287-2
Gold (10)
Black
With
Reel
2-2013022-3
2-2013287-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 8.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013297-1
2013298-1
Gold flash
Black
With
Tray
2013297-2
2013298-2
Gold (10)
Black
With
Tray
2013297-3
2013298-3
Gold (30)
Black
With
Tray
2-2013297-1
2-2013298-1
Gold flash
Black
With
Reel
2-2013297-2
2-2013298-2
Gold (10)
Black
With
Reel
2-2013297-3
2-2013298-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 9.2mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013310-1
2013311-1
Gold flash
Black
With
Tray
2013310-2
2013311-2
Gold (10)
Black
With
Tray
2013310-3
2013311-3
Gold (30)
Black
With
Tray
2-2013310-1
2-2013311-1
Gold flash
Black
With
Reel
2-2013310-2
2-2013311-2
Gold (10)
Black
With
Reel
2-2013310-3
2-2013311-3
Gold (30)
Black
With
Reel
Mini DIMM 244 Position Right Angle Surface Mount
Part Number
Keying
Contact
Plating
Height
Housing
Color
Packaging
1735438-2
Reverse
Gold (30)
9.79 mm
Black
Tray
1735438-4
Standard
Gold (30)
9.79 mm
Black
Tray
1-1735438-2
Reverse
Gold (15)
9.79 mm
Black
Tray
1-1735438-4
Standard
Gold (15)
9.79 mm
Black
Tray
DDR3 DIMM 240 Position Vertical Surface Mount
Part Number
Contact Plating
Housing Color Extractor Color
Packaging
2040727-1
Gold Flash
Black
Natural
Tray
2040727-4
Gold (15)
Black
Natural
Tray
2040727-5
Gold (30)
Natural
Natural
Tray
2040727-6
Gold (30)
Black
Black
Tray
2040727-7
Gold (30)
Black
Natural
Tray


Similar Part No. - 2-2013289-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-2013022-1 MACOM-2-2013022-1 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6MM PITCH 204POS 4MM HEIGHT STANDARD TYPE
2-2013022-1 MACOM-2-2013022-1 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
2-2013022-2 MACOM-2-2013022-2 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
2-2013022-3 MACOM-2-2013022-3 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
logo
List of Unclassifed Man...
2-2013310-1 ETC2-2-2013310-1 Datasheet
443Kb / 4P
   Applications : Servers, Notebook PCs, Communications Equipment
More results

Similar Description - 2-2013289-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78588-0002 MOLEX2-78588-0002 Datasheet
215Kb / 3P
   Ultra-Low-Profile DDR3 DIMM Sockets
logo
List of Unclassifed Man...
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGU08G64B1BB2SA-BB[EW]R ETC-SGU08G64B1BB2SA-BB[EW]R Datasheet
764Kb / 16P
   8192MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX-62202-3810 Datasheet
275Kb / 5P
   DDR3 DIMM Extraction Tool
11-22-16
logo
List of Unclassifed Man...
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX11-62202-3810 Datasheet
36Kb / 1P
   DDR3 DIMM Extraction Tool
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
logo
List of Unclassifed Man...
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com