Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-230-4B65 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PC-230-4B65
Description  Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PC-230-4B65 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PC-230-4B65 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 54643211 / 2 China 86 769 85538070 Taiwan 886 3 4641811
www.pulseeng.com
43
LT2007 (12/09)
Laminated transformers
Low Frequency, Open-Style Laminated,
Concentric Vertical Profile, PC Plug-In Series
Single
Dusl
Series
Parallel
115V
115/230V
Size
@ 2x Current
6-Pin
8-Pin
V.C.T.@mA
V.@mA
PC-10-90B53
DPC-10-90B53
25
10 @ 90
5 @ 180
PC-10-120B1
DPC-10-120B1
37
10 @ 120
5 @ 240
PC-10-440B2
DPC-10-440B2
50
10 @ 440
5 @ 880
PC-10-1000B3
DPC-10-1000B3
62
10 @ 1000
5 @ 2000
PC-10-2400B4
DPC-10-2400B4
24
10 @ 2400
5 @ 4800
PC-12-70B54
DPC-12-70B54
25
12.6 @ 70
6.3 @ 140
PC-12-100B5
DPC-12-100B5
37
12.6 @ 100
6.3 @ 200
PC-12-350B6
DPC-12-350B6
50
12.6 @ 350
6.3 @ 700
PC-12-800B7
DPC-12-800B7
62
12.6 @ 800
6.3 @ 1600
PC-12-2000B8
DPC-12-2000B8
24
12.6 @ 2000
6.3 @ 4000
PC-16-55B55
DPC-16-55B55
25
16 @ 55
8 @ 110
PC-16-75B9
DPC-16-75B9
37
16 @ 75
8 @ 150
PC-16-260B10
DPC-16-260B10
50
16 @ 260
8 @ 520
PC-16-640B11
DPC-16-640B11
62
16 @ 640
8 @ 1280
PC-16-1500B12
DPC-16-1500B12
24
16 @ 1500
8 @ 3000
PC-20-45B56
DPC-20-45B56
25
20 @ 45
10 @ 90
PC-20-60B13
DPC-20-60B13
37
20 @ 60
10 @ 120
PC-20-220B14
DPC-20-220B14
50
20 @ 220
10 @ 440
PC-20-500B15
DPC-20-500B15
62
20 @ 500
10 @ 1000
PC-20-1200B16
DPC-20-1200B16
24
20 @ 1200
10 @ 2400
PC-24-35B57
DPC-24-35B57
25
24 @ 35
12 @ 70
PC-24-50B17
DPC-24-50B17
37
24 @ 50
12 @ 100
PC-24-180B18
DPC-24-180B18
50
24 @ 180
12 @ 360
PC-24-450B19
DPC-24-450B19
62
24 @ 450
12 @ 900
PC-24-1000B20
DPC-24-1000B20
24
24 @ 1000
12 @ 2000
PC-28-30B58
DPC-28-30B58
25
28 @ 30
14 @ 60
PC-28-40B49
DPC-28-40B49
37
28 @ 40
14 @ 80
PC-28-160B50
DPC-28-160B50
50
28 @ 160
14 @ 320
PC-28-360B51
DPC-28-360B51
62
28 @ 360
14 @ 720
PC-28-800B52
DPC-28-800B52
24
28 @ 800
14 @ 1600
PC-34-25B59
DPC-34-25B59
25
34 @ 25
17 @ 50
PC-34-35B21
DPC-34-35B21
37
34 @ 35
17 @ 70
PC-34-125B22
DPC-34-125B22
50
34 @ 125
17 @ 250
PC-34-300B23
DPC-34-300B23
62
34 @ 300
17 @ 600
PC-34-700B24
DPC-34-700B24
24
34 @ 700
17 @ 1400
PC-40-20B60
DPC-40-20B60
25
40 @ 20
20 @ 40
PC-40-30B25
DPC-40-30B25
37
40 @ 30
20 @ 60
PC-40-110B26
DPC-40-110B26
50
40 @ 110
20 @ 220
PC-40-250B27
DPC-40-250B27
62
40 @ 250
20 @ 500
PC-40-600B28
DPC-40-600B28
24
40 @ 600
20 @ 1200
PC-56-15B61
DPC-56-15B61
25
56 @ 15
28 @ 30
PC-56-20B29
DPC-56-20B29
37
56 @ 20
28 @ 40
PC-56-80B30
DPC-56-80B30
50
56 @ 80
28 @ 160
PC-56-180B31
DPC-56-180B31
62
56 @ 180
28 @ 360
PC-56-420B32
DPC-56-420B32
24
56 @ 420
28 @ 840
PC-120-8B63
DPC-120-8B63
25
120 @ 8
60 @ 16
PC-120-10B37
DPC-120-10B37
37
120 @ 10
60 @ 20
PC-120-35B38
DPC-120-35B38
50
120 @ 35
60 @ 70
PC-120-85B39
DPC-120-85B39
62
120 @ 85
60 @ 170
PC-120-200B40
DPC-120-200B40
24
120 @ 200
60 @ 400
PC-230-4B65
DPC-230-4B65
25
230 @ 4
115 @ 8
PC-230-5B45
DPC-230-5B45
37
230 @ 5
115 @ 10
PC-230-20B46
DPC-230-20B46
50
230 @ 20
115 @ 40
PC-230-40B47
DPC-230-40B47
62
230 @ 40
115 @ 80
PC-230-100B48
DPC-230-100B48
24
230 @ 100
115 @ 200
mechanical
schematics
AgenCy
APPrOVALS
n
UL, 506, File E73539
n
UL Recognized
Class B
n
UL 1446, File E179499
n
CSA 22.2#66,
File LR68051-2
D PC - 10 - 2400 B 4
Primary Rating
No First Letter – 115V – 6-pin
“D” First Letter – 115/230V – 8-pin
Transformer Series
PC – Single Section Bobbin
(47/500Hz)
Mechanical Configuration
B – No frame
Secondary
Voltage
Rating
(Volts RMS)
Secondary
Current
Rating
(mA RMS)
Individual
Specification
dimensions (inches)
Size
VA
Wt.
L
H
W
B
6-pin
8-pin
(oz.)
X
A
25
1.0
2.5
1.000
0.830
1.375 1.200 0.250
0.200
37
1.2
3
1.375
1.188
1.125 1.000 0.312
0.200
50
4.4
5
1.625
1.375
1.250 1.100 0.400
0.250
62
10
9
1.875
1.625
1.438 1.300 0.400
0.250
24
24
12
1.625
1.375
2.250 2.100 0.400
0.250
����
������������������������������
�����������������������������������
��������������������������������������������
���������
����
����
��������
����
PC Series Concentric Vertical Mount
Isolation between primary and secondary of 1500V
Vacuum Impregnated to withstand modern board
washing systems and to reduce audible noise
Available in single or dual primary
Baked resin provides fully cured and environmen-
tally resistant finish that will not peel or flake
rugged Construction
Universal Design compatible with industry-standard
footprints


Similar Part No. - PC-230-4B65

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PC-230-4B65 PULSE-PC-230-4B65 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
More results

Similar Description - PC-230-4B65

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
14A-2.5-10B1 PULSE-14A-2.5-10B1 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
ST2-10B411 PULSE-ST2-10B411 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST2-10B41 PULSE-ST2-10B41 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
List of Unclassifed Man...
3FL10-250 ETC2-3FL10-250 Datasheet
133Kb / 1P
   Low Profile Laminated Power Transformers
logo
Systemsensor advanced i...
SPDS106 SYSTEMSENSOR-SPDS106 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
   Low-Profile Plug-in Smoke Detectors
2251B SYSTEMSENSOR-2251B Datasheet
492Kb / 2P
   Intelligent Low Profile Plug-in Detectors
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com