Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1173.273NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1173.273NL
Description  SMT POWER INDUCTORS Shielded Drum Core - P1172NL/P1173NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1173.273NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1173.273NL Datasheet HTML 1Page - Pulse A Technitrol Company P1173.273NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
39
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1172NL/P1173NL Series
.362
9,20
.492
12,50
.630
16,00
.945
24,00
TAPE & REEL LAYOUT
.079
2,00
SUGGESTED PAD LAYOUT
.472
12,00
.315
8,00
.315
8,00
.118
3,00
.134
3,40
.075
1,91
1
2
SUGGESTED PAD LAYOUT
.039
1,00
.472
12,00
.315
8,00
.039
1,00
.366
9,30
.315
8,00
.197
5,00
1
2
.075
1,91
P1172
P1173
P1172/P1173
.315
8,00
1
2
XXX
.482
12,24
MAX
.482
12,24
MAX
MAX
1
2
Mechanical
Schematic:
Weight . . . . . . . . 4.5 grams
Tape & Reel . . . . . . 400/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Height: 8.0mm Max
Footprint: 12.2mm x 12.2mm Max
Current Rating: up to 14A
Inductance Range: .8µH to 51µH
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Numbers
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH)
(
μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1172.132NL
P1173.132NL
1.3*
0.8
14
2.3
3
1 5
1 4
9 0
>40
P1172.202NL
P1173.202NL
2.0*
1.3
10
4.5
6
1 3
1 0
110
>40
P1172.272NL
P1173.272NL
2.7*
1.8
9
5.8
7.3
11
9
130
>40
P1172.372NL
P1173.372NL
3.7*
2.4
8.3
6.8
8.5
9.2
8.3
150
37
P1172.472NL
P1173.472NL
4.7*
3.1
7.9
7.6
9.5
8.2
7.9
170
33
P1172.602NL
P1173.602NL
6.0*
3.9
6
1 3
16.5
6.9
6
200
30
P1172.762NL
P1173.762NL
7.6*
4.9
5.7
14.3
18.5
6.2
5.7
220
25
P1172.103NL
P1173.103NL
10
7.5
5.2
17.3
21.8
5.5
5.2
250
20
P1172.123NL
P1173.123NL
12
9
4.5
23.3
29
5.1
4.5
280
18
P1172.153NL
P1173.153NL
15
11.3
4.1
28.3
35.4
4.4
4.1
300
15
P1172.183NL
P1173.183NL
18
13.5
4
29.4
37
4.3
4
340
13
P1172.223NL
P1173.223NL
22
16.5
3.8
33.2
42
3.8
3.8
370
12
P1172.273NL
P1173.273NL
27
20.3
3.4
36.2
45.9
3.4
3.6
410
11
P1172.333NL
P1173.333NL
33
24.8
3
49.3
64.8
3
3.1
460
10
P1172.393NL
P1173.393NL
39
29.3
2.7
65.2
81.5
2.8
2.7
490
8
P1172.473NL
P1173.473NL
47
35.3
2.6
71.4
89
2.6
2.6
550
7
P1172.683NL
P1173.683NL
68
51
2.1
108
135
2.1
2.1
670
6
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C


Similar Part No. - P1173.273NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1173.273NL PULSE-P1173.273NL Datasheet
227Kb / 2P
   SMT POWER INDUCTORS
P1173.273NL PULSE-P1173.273NL Datasheet
227Kb / 2P
   Shielded Drum Core
More results

Similar Description - P1173.273NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
P1167.183NLT PULSE-P1167.183NLT Datasheet
245Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167NL Series
P1169.105NLT PULSE-P1169.105NLT Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
   Shielded metalized drum core power inductors
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com