Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1292.152NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA1292.152NL
Description  SMT POWER INDUCTORS Planar - PA1X9XNL Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1292.152NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA1292.152NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1292.152NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1292.152NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
68
SPM2007 (11/07)
SMT POWER INDUCTORS
Planar - PA1X9XNL Series
Inductance vs. Current Characteristics (25°C)
PA1292.XXX & PA1294.XXX Series
Current (Amps DC)
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
0.00
Current (Amps DC)
PA1393.XXX Series
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
PA1494.XXX Series
Current (Amps DC)
4.00
5.00
6.00
7.00
0.00
3.00
2.00
1.00
Core Loss vs. Flux Density
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
DB (Gauss)
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz
DB = 179 * L(µH) * DA / (Pri_Turns)
Temperature Rise vs. Power (W) Dissipation
Total Power (W) Dissipation
0
20
40
60
80
100
120
0
1
23
4
5
67
Total Power Dissipation = Copper Loss (W) + Core Loss (W)
Copper Loss (W) = Current (rms)2 * DCR (mW) / 1000 Core
Loss (W) = per table


Similar Part No. - PA1292.152NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1292.152NL PULSE-PA1292.152NL Datasheet
202Kb / 3P
   Planar
PA1292.152NL PULSE-PA1292.152NL Datasheet
770Kb / 4P
   SMT Power Inductors
More results

Similar Description - PA1292.152NL

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PI25 MPSIND-PI25 Datasheet
629Kb / 2P
   SMT HIGH CURRENT PLANAR INDUCTORS
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com