Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE2X39-5-2 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # FE2X39-5-2
Description  Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

FE2X39-5-2 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  FE2X39-5-2 Datasheet HTML 1Page - Pulse A Technitrol Company FE2X39-5-2 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P538.D (12/12)
1
pulseelectronics.com
Current Compensated Noise
Suppression Chokes
FE 2X Series - 2 Phase Common Mode Choke
Materials meet UL-94 V-0 requirements
Rated voltage: 250 Vac
Dielectric withstanding voltage: 1500 Vac
Schematics
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
(Vertical)
Part Number
(Horizontal)
L
(mH ±30%)
Current
(A)
DCR
(
Ω ±20%)
Resonance
(kHz)
FE2X03-3-2NL
FE2X03-3-3NL
3.3
1.50
0.17
800
FE2X03-4-2NL
FE2X03-4-3NL
3.3
2.50
0.07
700
FE2X03-5-2
-
3.3
2.80
0.06
700
FE2X03-6-2NL
-
3.3
4.00
0.06
700
-
FE2X03-8-3
3.3
8.00
0.028
700
FE2X07-3-2NL
FE2X07-3-3NL
6.8
1.20
0.30
400
FE2X07-5-2NL
FE2X07-5-3
6.8
2.00
0.14
450
FE2X07-6-2
-
6.8
2.20
0.17
450
FE2X10-3-2NL
FE2X10-3-3NL
10
0.70
0.55
350
FE2X10-4-2NL
FE2X10-4-3
10
1.20
0.30
350
FE2X10-5-2
-
10
1.60
0.21
300
FE2X10-6-2
-
10
1.80
0.20
300
FE2X15-3-2NL
FE2X15-3-3
15
0.50
0.77
300
FE2X15-4-2
-
15
1.00
0.40
220
FE2X18-6-2NL
-
18
1.40
0.28
200
FE2X27-3-2NL
FE2X27-3-3NL
27
0.40
1.70
180
FE2X27-4-2
FE2X27-4-3NL
27
0.70
0.62
180
FE2X39-3-2NL
FE2X39-3-3NL
39
0.35
2.00
160
FE2X39-4-2NL
FE2X39-4-3NL
39
0.50
1.12
160
FE2X39-5-2
-
39
0.70
1.00
160
FE2X47-3-2
-
47
0.30
2.30
150
FE2X47-4-2NL
-
47
0.40
1.30
150
Notes:
1. Part Numbering System:
FE2XLV-S-P, where LV is the inductance value, S is the size code, and P is package style (2 = vertical and 3 = horizontal)
2. Part numbers with NL suffix are RoHS 6/6 compliant.
3
4
5
6
17
28
Style 2 - Vertical Package
Style 3 - Horizontal Package


Similar Part No. - FE2X39-5-2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FE2X39-5-2 PULSE-FE2X39-5-2 Datasheet
508Kb / 2P
   Current Compensated Noise Suppression Chokes
FE2X39-5-2 PULSE-FE2X39-5-2 Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results

Similar Description - FE2X39-5-2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U77-A1110-8000P AMPHENOL-P-U77-A1110-8000P Datasheet
64Kb / 1P
   flammability ul 94 v-0
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Littelfuse
46205000000 LITTELFUSE-46205000000 Datasheet
228Kb / 3P
   Heat resistant plastic housing, UL 94 V-0 Low voltage drop
logo
Micro Commercial Compon...
1N4004W MCC-1N4004W Datasheet
479Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Shanghai Leiditech Elec...
BC846 LEIDITECH-BC846 Datasheet
595Kb / 5P
   Epoxy meets UL-94 V-0 flammability rating
ES2A LEIDITECH-ES2A Datasheet
512Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Ohmite Mfg. Co.
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
   Materials meet the requirements of UL94-V0
logo
Marathon Special Produc...
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
   Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com