Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5375 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5375
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375 Datasheet(HTML) 7 Page - Analog Devices

  ADL5375 Datasheet HTML 1Page - Analog Devices ADL5375 Datasheet HTML 2Page - Analog Devices ADL5375 Datasheet HTML 3Page - Analog Devices ADL5375 Datasheet HTML 4Page - Analog Devices ADL5375 Datasheet HTML 5Page - Analog Devices ADL5375 Datasheet HTML 6Page - Analog Devices ADL5375 Datasheet HTML 7Page - Analog Devices ADL5375 Datasheet HTML 8Page - Analog Devices ADL5375 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Circuit Note
CN-0205
Rev. 0 | Page 7 of 9
IOUT1
IOUT1
20mA TO 0mA
AD9122
0mA TO 20mA
50Ω
SPECTRUM
ANALYZER
DPG
DATA
PATTERN
GENERATOR
SIGNAL
GENERATOR
FOR FDAC
FDAC
FDATA
ADL5375-05
IOUT2
IOUT2
SIGNAL
GENERATOR
FOR LO
LO
100Ω
100Ω
BB
FILTER
AD9122-M5375-EBZ
POWER SUPPLY
5V
J9
J1
J6
PC
DPG
DOWNLOADER
SOFTWARE
AD9122
SOFTWARE
USB
USB
50Ω
50Ω
50Ω
BB
FILTER
20mA TO 0mA
0mA TO 20mA
Figure 16. Test Setup Functional Block Diagram
Further insight to proper layout can be found by examining the
AD9122-M5375-EBZ layout files in the design support package
www.analog.com/CN0205-DesignSupport.
COMMON VARIATIONS
The interface described in this circuit note can be used between
any TxDAC digital-to-analog converter (AD9779A, AD9788,
AD9125, AD9148) that is set for 20 mA full-scale current and
the ADL5370, ADL5371/ADL5372, ADL5373, ADL5374,
ADL5385, ADL5386, etc., family of I/Q modulators that require
0.5 V baseband dc bias levels.
The interface can also be adapted to the AD8345/AD8349 low
current modulators, with some adjustment to the bias level by
properly selecting the DAC termination resistors.
CIRCUIT EVALUATION AND TEST
The following section describes details of performing the
common-mode test (results shown in Figure 10). The test setup
is flexible and allows other measurements shown in this circuit
note to be performed.
Equipment Needed (Equivalents Can be Substituted)
• DPG : ADI Digital Pattern Generator
• Signal Generator for clock: Agilent E4437B
• Signal generator for LO: Agilent 8665B
• Spectrum analyzer: Agilent E4440A
• Power supply: Agilent E3631A
Setup and Test
1. Connect the setup and measurement system shown in
Figure 16.
2. Set the power supply to +5 V.
3. Set the signal generator for FDAC to 368.64 MHz @ 5 dBm,
and the signal generator for LO to 2140 MHz @ 0 dBm.
4. Turn on the power supply and signal generators. Set the
spectrum analyzer at 2 × FDAC MHz, 1 MHz span.
5. Set up the AD9122 through USB at AD9122/AD9125
SPI control software as shown in Figure 17 and run.
Refer to the AD9122 Evaluation Board Quick Start
Guide in www.analog.com-CN0205-DesignSupport.
Interpolation ("1" in Figure 17) : 1×
Fine modulation ("2" in Figure 17) : ON
Data rate ("3" in Figure 17) : same as FDAC
frequency
NCO frequency ("4" in Figure 17) : 173.32 MHz
6. Set up DPG (refer to AD9122 Evaluation Board Quick
Start Guide)
Make sure DCO frequency ("1" in Figure 18)
is close to FDAC frequency.
Set sample rate ("2" in Figure 18) same as
FDAC frequency and 1 MHz at desired
frequency.


Similar Part No. - ADL5375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375 AD-ADL5375 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADL5375 AD-ADL5375 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADL5375 AD-ADL5375 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5375 AD-ADL5375 Datasheet
466Kb / 6P
   Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0
More results

Similar Description - ADL5375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0021 AD-CN-0021 Datasheet
139Kb / 3P
   Interfacing the ADL5375 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0016 AD-CN-0016 Datasheet
128Kb / 2P
   Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0018 AD-CN-0018 Datasheet
129Kb / 2P
   Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0017 AD-CN-0017 Datasheet
129Kb / 2P
   Interfacing the ADL5371 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0020 AD-CN-0020 Datasheet
134Kb / 3P
   Interfacing the ADL5374 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0019 AD-CN-0019 Datasheet
134Kb / 3P
   Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
   I&Q MODULATOR
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
   I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
   I&Q Modulator
REV. D
logo
Merrimac Industries, In...
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
   I&Q MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com