Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-10-90 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PC-10-90
Description  Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PC-10-90 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PC-10-90 Datasheet HTML 1Page - Pulse A Technitrol Company PC-10-90 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM
©2008 Signal Transformer — Specification subject to change without notice. 07.08
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
36
Jeff Toombs
95 Paradise Road • Mayflower, AR 72106
501.470-1593 (H) • toombjk@sbcglobal.net
Custom versions available upon request.
Jeff Toombs
95 Paradise Road • Mayflower, AR 72106
501.470-1593 (H) • toombjk@sbcglobal.net
Signal’s PC low power transformers are designed to operate between 50 Hz
and 500 Hz without any degradation in output voltage.
General Specifications
• Power - 1.0 VA to 24 VA
• Dielectric Strength - 1500 Vrms Hipot
• Primaries - Single or dual primaries, 115 V or 115/230 V, 50-500 Hz
• Dual Secondaries - Series or parallel
• Insulation System - Class B, 130º C, UL 1446 E66312
• Mounting Brackets - see chart
Agency Certifications
• UL recognized to UL 506 / UL 5085-2, File # E63829
• CSA certified to C22.2 #66.1, File # 221070
Miniature Low Power Transformers
Printed Circuit Mount Power Transformers
Primary 50/500 Hz
VA
Secondary RMS Rating
Single 115V
6 Pin
Dual 115/230V
8 Pin
Size
Series
Parallel
PC-10-90
DPC-10-90
1.0
10VCT @ 90mA
5V @ 180mA
PC-10-120
DPC-10-120
1.2
10VCT @ 120mA
5V @ 240mA
PC-10-440
DPC-10-440
4.4
10VCT @ 440mA
5V @ 880mA
PC-10-1000
DPC-10-1000
10.0
10VCT @ 1.0A
5V @ 2.0A
PC-10-2400
DPC-10-2400
24.0
10VCT @ 2.4A
5V @ 4.8A
PC-12-70
DPC-12-70
1.0
12.6VCT @ 70mA
6.3V @ 140mA
PC-12-100
DPC-12-100
1.2
12.6VCT @ 100mA
6.3V @ 200mA
PC-12-350
DPC-12-350
4.4
12.6VCT @ 350mA
6.3V @ 700mA
PC-12-800
DPC-12-800
10.0
12.6VCT @ 800mA
6.3V @ 1.6A
PC-12-2000
DPC-12-2000
24.0
12.6VCT @ 2.0A
6.3V @ 4.0A
PC-16-55
DPC-16-55
1.0
16VCT @ 55mA
8V @110mA
PC-16-75
DPC-16-75
1.2
16VCT @ 75mA
8V @150mA
PC-16-260
DPC-16-260
4.4
16VCT @ 260mA
8V @ 520mA
PC-16-640
DPC-16-640
10.0
16VCT @ 640mA
8V @ 1.28A
PC-16-1500
DPC-16-1500
24.0
16VCT @ 1.50A
8V @ 3.0A
PC-20-45
DPC-20-45
1.0
20VCT @ 45mA
10V @ 90mA
PC-20-60
DPC-20-60
1.2
20VCT @ 60mA
10V @ 120mA
PC-20-220
DPC-20-220
4.4
20VCT @ 220mA
10V @ 440mA
PC-20-500
DPC-20-500
10.0
20VCT @ 500mA
10V @ 1.0A
PC-20-1200
DPC-20-1200
24.0
20VCT @ 1.20A
10V @ 2.40A
PC-24-35
DPC-24-35
1.0
24VCT @ 35mA
12V @ 70mA
PC-24-50
DPC-24-50
1.2
24VCT @ 50mA
12V @ 100mA
PC-24-180
DPC-24-180
4.4
24VCT @ 180mA
12V @ 360mA
PC-24-450
DPC-24-450
10.0
24VCT @ 450mA
12V @ 900mA
PC-24-1000
DPC-24-1000
24.0
24VCT @ 1.0A
12V @ 2.0A
PC-28-30
DPC-28-30
1.0
28VCT @ 30mA
14V @ 60mA
PC-28-40
DPC-28-40
1.2
28VCT @ 40mA
14V @ 80mA
PC-28-160
DPC-28-160
4.4
28VCT @ 160mA
14V @ 320mA
PC-28-360
DPC-28-360
10.0
28VCT @ 360mA
14V @ 720mA
PC-28-800
DPC-28-800
24.0
28VCT @ 800mA
14V @ 1.60A
PC-34-25
DPC-34-25
1.0
34VCT @ 25mA
17V @ 50mA
PC-34-35
DPC-34-35
1.2
34VCT @ 35mA
17V @ 70mA
PC-34-125
DPC-34-125
4.4
34VCT @ 125mA
17V @ 250mA
PC-34-300
DPC-34-300
10.0
34VCT @ 300mA
17V @ 600mA
PC-34-700
DPC-34-700
24.0
34VCT @ 700mA
17V @ 1.40A
PC-40-20
DPC-40-20
1.0
40VCT @ 20mA
20V @ 40mA
PC-40-30
DPC-40-30
1.2
40VCT @ 30mA
20V @ 60mA
PC-40-110
DPC-40-110
4.4
40VCT @ 110mA
20V @ 220mA
PC-40-250
DPC-40-250
10.0
40VCT @ 250mA
20V @ 500mA
PC-40-600
DPC-40-600
24.0
40VCT @ 600mA
20V @ 1.20A
PC-56-15
DPC-56-15
1.0
56VCT @ 15mA
28V @ 30mA
PC-56-20
DPC-56-20
1.2
56VCT @ 20mA
28V @ 40mA
PC-56-80
DPC-56-80
4.4
56VCT @ 80mA
28V @ 160mA
PC-56-180
DPC-56-180
10.0
56VCT @ 180mA
28V @ 360mA
PC-56-420
DPC-56-420
24.0
56VCT @ 420mA
28V @ 840mA
PC-120-8
DPC-120-8
1.0
120VCT @ 8mA
60V @ 16mA
PC-120-10
DPC-120-10
1.2
120VCT @ 10mA
60V @ 20mA
PC-120-35
DPC-120-35
4.4
120VCT @ 35mA
60V @ 70mA
PC-120-85
DPC-120-85
10.0
120VCT @ 85mA
60V @ 170mA
PC-120-200
DPC-120-200
24.0
120VCT @ 200mA
60V @ 400mA
1
6 Pin
Type PC
115V
50 - 500 Hz
3
4
6
5
2
Indicates like polarity
1
8 Pin
Type DPC
115V
50-500 Hz
5
6
8
7
3
4
2
Indicates like polarity
115V
50-500 Hz


Similar Part No. - PC-10-90

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PC-10-90 BEL-PC-10-90 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
More results

Similar Description - PC-10-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS ALL/TRAN?
RLD-2240 RENCO-RLD-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS DUAL/TRAN?
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
RENCO ELECTRONICS, INC.
RL-2230 RENCO-RL-2230 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS FLAT/TRAN?
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1015 TRIAD-CST-1015 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Micronetics, Inc.
NMA2009-A1D MICRONETICS-NMA2009-A1D Datasheet
295Kb / 2P
   Legacy 500 Hz to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com