Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5Q0740RTTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA5Q0740RTTU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0740RTTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA5Q0740RTTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 9Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA5Q0740RT
6
Typical Performance Characteristics
Figure 1. Start Voltage
Figure 2. Stop Voltage
Figure 3. Stand by Current
Figure 4. Operating Current
Figure 5. Initial Frequency
Figure 6. Maximum Duty
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.90
0.94
0.98
1.02
1.06
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.80
0.87
0.94
1.01
1.08
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.85
0.90
0.95
1.00
1.05
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)
0.90
0.94
0.98
1.02
1.06
1.10
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
150℃
Temp.(ºC)


Similar Part No. - KA5Q0740RTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5Q0740RTTU FAIRCHILD-KA5Q0740RTTU Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5Q0740RTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com