Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JV006I21NL Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # JV006I21NL
Description  RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

JV006I21NL Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button JV006I21NL Datasheet HTML 4Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 5Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 6Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 7Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 8Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 9Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 10Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 11Page - Pulse A Technitrol Company JV006I21NL Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
J409.N (05/13)
9
pulseelectronics.com
PulseJack™
Surface Mount 1x1
JV Application Note
This line of 10/100Base-TX SMT RJ45 1X1 Connector
Magnetics Modules has been specifically designed for
the implementation of a 10Base-T and 100Base-TX
transmission over data-grade unshielded twisted pair
cable (UTP-3, 5e and 6).
The connectors provide excellent EMI filtering and are
suitable for adapter card and multiport applications. Pulse
has worked closely with the leading IC manufacturers
in providing these 10/100 solutions, thereby assuring
compatibility with each transceiver.
The JC0 series meets the stringent open circuit
inductance requirements imposed by IEEE. When an 8mA
DC current is applied across the transformer windings, the
transformer will provide at least 350µH. The transformers
used in each module also provide 1500Vrms minimum
isolation, wide bandwidth with minimal attentuation and
fast rise times to minimize system level jitter.
The 1X1 SMT RJ45 connectors manufactured by Pulse
are designed to meet all published specifications after
exposure to surface mount soldering temperatures.
The SMT are robust enough to withstand convection
and infrared reflow solder temperatures. Additionally,
compliant leads provide excellent solder-joint reliability
with a coplanarity of 0.10 (0.004”).
Note: Modules are packaged in trays, unless Tape & Reel is
specified. Please add the suffix “
T” for Tape & Reel orders
(ex: JVO006121
T). Add the suffix “NL” for RoHS compliant
parts (ex: JV006I21NL
T for Trays and JV006I21NLT for
Tape & Reel).
JV006I21 Connector
PCB Layout Recommendations:
1. For maximum EMI suppression (electromagnetic interference)
3. Connections between the 10/100 IC and the
place the decoupling capacitors adjacent to VCC and 50
Ω
SMT connector should be direct (ideally no change
connections.
in direction) and of minimum length.
2. Connections to ground should be as short as possible.


Similar Part No. - JV006I21NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JV006I21NL PULSE-JV006I21NL Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
JV006I21NL PULSE-JV006I21NL Datasheet
1Mb / 12P
   PulseJack Surface Mount 1x1
JV006I21NL PULSE-JV006I21NL Datasheet
544Kb / 12P
   Surface Mount 1x1
JV006I21NL PULSE-JV006I21NL Datasheet
1Mb / 12P
   Surface Mount 1x1
More results

Similar Description - JV006I21NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HC500 PULSE-HC500 Datasheet
1Mb / 4P
   RoHS peak reflow temperature rating 245 C
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
   RoHS peak reflow temperature rating 245
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
H304 PULSE-H304 Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
   RoHS peak reflow temperature rating 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com