Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03F0DPA-00-J5A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK03F0DPA-00-J5A
Description  30V, 30A, 6.4m max. N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03F0DPA-00-J5A Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK03F0DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03F0DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK03F0DPA
Preliminary
R07DS0936EJ0400 Rev.4.00
Page 4 of 6
Mar 22, 2013
20
16
12
8
4
–25
0
25
50
75
100 125
150
0
8 V
25
20
15
10
5
25
50
75
100
125
150
0
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
010
30
20
10000
3000
1000
300
100
30
10
Crss
Coss
Ciss
50
40
30
20
10
0
20
16
12
8
4
10
20
30
40
50
0
0
5 V
10 V
Case Temperature Tc (°C)
Static Drain to Source On State Resistance
vs. Temperature
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
ID = 5 A, 10 A, 20 A
5 A, 10 A, 20 A
VGS = 4.5 V
Pulse Test
VGS = 0
f = 1 MHz
Gate Charge Qg (nc)
Dynamic Input Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
ID = 30 A
VGS
VDS
VDD = 25 V
10 V
VDD = 25 V
10 V
Pulse Test
VGS = 0, –5 V
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
IAP = 12 A
VDD = 15 V
duty < 0.1%
Rg
≥ 50 Ω


Similar Part No. - RJK03F0DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03F0DPA-00-J53 RENESAS-RJK03F0DPA-00-J53 Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03F0DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03M6DPA RENESAS-RJK03M6DPA Datasheet
160Kb / 7P
   30V, 30A, 9.4m max. N Channel Power MOS FET High Speed Power Switching
RJK03M5DPA RENESAS-RJK03M5DPA_15 Datasheet
143Kb / 7P
   30V, 30A, 6.5m廓max. N Channel Power MOS FET High Speed Power Switching
RJK0659DPA RENESAS-RJK0659DPA_13 Datasheet
166Kb / 7P
   60V, 30A, 8.0m max. N Channel Power MOS FET High Speed Power Switching
RJK0305DPB-02 RENESAS-RJK0305DPB-02_15 Datasheet
170Kb / 7P
   30V, 30A, 8.0m廓max Silicon N Channel Power MOS FET Power Switching
RJK03E9DPA RENESAS-RJK03E9DPA_13 Datasheet
123Kb / 7P
   30V, 35A, 4.3m max N Channel Power MOS FET High Speed Power Switching
RJK0391DPA RENESAS-RJK0391DPA_15 Datasheet
108Kb / 7P
   30V, 50A, 2.9m??max. N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_15 Datasheet
108Kb / 7P
   30V, 35A, 5.2m??max. N Channel Power MOS FET High Speed Power Switching
RJK0346DPA RENESAS-RJK0346DPA_15 Datasheet
106Kb / 7P
   30V, 65A, 2.0m??max. N Channel Power MOS FET High Speed Power Switching
RJK03M1DPA RENESAS-RJK03M1DPA_15 Datasheet
143Kb / 7P
   30V, 50A, 2.3m廓max. N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA_15 Datasheet
161Kb / 7P
   30V, 45A, 2.8m廓max. N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com