Electronic Components Datasheet Search |
|
P1AFS600-1QNG484YES Datasheet(PDF) 11 Page - Microsemi Corporation |
|
P1AFS600-1QNG484YES Datasheet(HTML) 11 Page - Microsemi Corporation |
11 / 334 page Fusion Family of Mixed Signal FPGAs Revision 4 1-5 calculate current. The AG MOSFET gate driver pad turns the external MOSFET on and off. The AT pad measures the load-side voltage level. Embedded Memories Flash Memory Blocks The flash memory available in each Fusion device is composed of one to four flash blocks, each 2 Mbits in density. Each block operates independently with a dedicated flash controller and interface. Fusion flash memory blocks combine fast access times (60 ns random access and 10 ns access in Read-Ahead mode) with a configurable 8-, 16-, or 32-bit datapath, enabling high-speed flash operation without wait states. The memory block is organized in pages and sectors. Each page has 128 bytes, with 33 pages comprising one sector and 64 sectors per block. The flash block can support multiple partitions. The only constraint on size is that partition boundaries must coincide with page boundaries. The flexibility and granularity enable many use models and allow added granularity in programming updates. Fusion devices support two methods of external access to the flash memory blocks. The first method is a serial interface that features a built-in JTAG-compliant port, which allows in-system programmability during user or monitor/test modes. This serial interface supports programming of an AES-encrypted stream. Data protected with security measures can be passed through the JTAG interface, decrypted, and then programmed in the flash block. The second method is a soft parallel interface. FPGA logic or an on-chip soft microprocessor can access flash memory through the parallel interface. Since the flash parallel interface is implemented in the FPGA fabric, it can potentially be customized to meet special user requirements. For more information, refer to the CoreCFI Handbook. The flash memory parallel interface provides configurable byte-wide (×8), word-wide (×16), or dual-word-wide Figure 1-1 • Analog Quad Analog Quad AV AC AT Voltage Monitor Block Current Monitor Block AG Power Line Side Load Side Pre- scaler Digital Input Power MOSFET Gate Driver Current Monitor/Instr Amplifier Temperature Monitor Digital Input Digital Input Pre- scaler Pre- scaler Pads To Analog MUX To Analog MUX To Analog MUX To FPGA (DAVOUTx) To FPGA (DACOUTx) To FPGA (DATOUTx) On-Chip Gate Driver Temperature Monitor Block Off-Chip Rpullup From FPGA (GDONx) |
Similar Part No. - P1AFS600-1QNG484YES |
|
Similar Description - P1AFS600-1QNG484YES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |