Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuC7060 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuC7060
Description  Low Power, Long Range, ISM Wireless Measuring Node
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7060 Datasheet(HTML) 1 Page - Analog Devices

  ADuC7060 Datasheet HTML 1Page - Analog Devices ADuC7060 Datasheet HTML 2Page - Analog Devices ADuC7060 Datasheet HTML 3Page - Analog Devices ADuC7060 Datasheet HTML 4Page - Analog Devices ADuC7060 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0164
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
ADF7020
ISM Band, FSK/ASK Transceiver
ADuC7060
Low Power, ARM7TDMI, Precision Analog
Microcontroller
ADP121
150 mA, Low Quiescent Current, CMOS
Linear Regulator
Low Power, Long Range, ISM Wireless Measuring Node
Rev. A
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
Ideally, a wireless measurement node is low power, has good
range, and is easily interfaced to different sensors. Through the
combination of three Analog Devices, Inc., parts, an intelligent
measurement node with an average current consumption of
<70 µA, a range of almost 1 km (in free space), and a data rate
of one transmission/minute can be achieved, while also main-
taining a 16-bit ADC performance (see Figure 1). This makes
the circuit suitable for battery power and such applications as
automation and remote sensing.
The system consists of a low power temperature measurement
node that wakes once a minute, measures temperature, transmits
this measurement at 10 kbps to the base node, and then returns
to sleep. The base node continuously listens for a package from
the measurement node and sends this information to the PC via
the UART for display in HyperTerminal.
ADuC7060
ADF7020
PGA
ADC
ADP121
3V
100Ω
PT RTD
100Ω
0.1%
55µA IN DEEP SLEEP MODE
ID = 1µA WHEN CE = 0V
P0.6
P0.5
P2.0
P2.1
DATA CLK
INT/LOCK
DATA I/O
OUTGOING DATA
INCOMING DATA
P0.4
P1.2
P1.3
SREAD
SLE
SDATA
P0.2
SCLK
P0.0
CE
VCC
SERIAL CONFIGURATION
BUS
VCC = 2.5V
SERIAL DATA BUS
BAT54C
4.7kΩ
PROGRAMMABLE
CURRENT SOURCE
Figure 1. Low Power, Long Range, ISM Wireless Measurement Node (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - ADuC7060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7060 AD-ADUC7060 Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
ADUC7060BCPZ32 AD-ADUC7060BCPZ32 Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
ADUC7060BCPZ32-RL AD-ADUC7060BCPZ32-RL Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
ADUC7060BSTZ32 AD-ADUC7060BSTZ32 Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
ADUC7060BSTZ32-RL AD-ADUC7060BSTZ32-RL Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
More results

Similar Description - ADuC7060

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
   Wireless IoT Node
logo
IOGEAR
GWHDSTXB IOGEAR-GWHDSTXB Datasheet
148Kb / 2P
   Long-Range Wireless Video Transmitter
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
   Wireless Router Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
   Wireless IoT Node
logo
IOGEAR
GWLRDVITX IOGEAR-GWLRDVITX Datasheet
146Kb / 2P
   Ultra Long Range Wireless DVI Transmitter
logo
Advantech Co., Ltd.
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
   Wireless IoT IP Node
logo
IOGEAR
GWLRHDTX IOGEAR-GWLRHDTX Datasheet
148Kb / 3P
   Ultra-Long-Range Wireless Video Transmitter
GWLRDVIRX IOGEAR-GWLRDVIRX Datasheet
147Kb / 2P
   Ultra Long Range Wireless DVI Receiver
logo
Semtech Corporation
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com