Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-5328.0 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 030-5328.0
Description  LAMINATED TRANS ORMERS Type EI30 / 5 - 0.5VA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

030-5328.0 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  030-5328.0 Datasheet HTML 1Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 2Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 3Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 4Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 5Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 6Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 7Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 8Page - Pulse A Technitrol Company 030-5328.0 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
5
LT2007 (9/07)
LAMINATED TRANSFORMERS
Type EI30 / 5 - 0.5VA
Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 70°C/B
Short-circuit-proof (where noted:
1/2/3* under Agency Approvals)
Weight: 0.06kg
Packaging unit: 25 pieces (tube)
Primary
Secondary
No-Load
Schematic
Part
Agency
(V)
(V / mA)
Voltage (V)
No.
Number
Approvals
230
6 / 83
10.40
1
030-7196.0
1/2/3*
230
9 / 55
15.60
1
030-7197.0
1/2/3*
230
12 / 42
20.80
1
030-7198.0
1/2/3*
230
15 / 33
25.40
1
030-7199.0
1/2/3*
230
18 / 28
29.50
1
030-7200.0
1/2/3*
230
24 / 20
38.10
1
030-7201.0
1/2/3*
230
2x6 / 42
2x10.60
2
030-7202.0
1/2/3*
230
2x9 / 28
2x15.50
2
030-7203.0
1/2/3*
230
2x12 / 20
2x19.70
2
030-7204.0
1/2/3*
230
2x15 / 16
2x24.80
2
030-7205.0
1/2/3*
230
2x18 / 13
2x29.80
2
030-7206.0
1
230
2x24 / 10
2x39.10
2
030-7207.0
1
115
6 / 83
10.40
1
030-7184.0
1/2/3*
115
9 / 55
15.60
1
030-7185.0
1/2/3*
115
12 / 42
20.80
1
030-7186.0
1/2/3*
115
15 / 33
25.40
1
030-7187.0
1/2/3*
115
18 / 28
29.50
1
030-7188.0
1/2/3*
115
24 / 20
38.10
1
030-7189.0
1/2/3*
115
2x6 / 42
2x10.60
2
030-7190.0
1/2/3*
115
2x9 / 28
2x15.50
2
030-7191.0
1/2/3*
115
2x12 / 20
2x19.70
2
030-7192.0
1/2/3*
115
2x15 / 16
2x24.80
2
030-7193.0
1/2/3*
115
2x18 / 13
2x29.80
2
030-7194.0
1
115
2x24 / 10
2x39.10
2
030-7195.0
1
2x115
6 / 83
10.40
3
030-5325.0
1/2/3*
2x115
9 / 55
15.60
3
030-5328.0
1/2/3*
2x115
12 / 42
20.80
3
030-5331.0
1/2/3*
2x115
15 / 33
25.40
3
030-5334.0
1/2/3*
2x115
18 / 28
29.50
3
030-5337.0
1/2/3*
2x115
24 / 20
38.10
3
030-5343.0
1/2/3*
2x115
2x6 / 42
2x10.60
4
030-5348.0
1/2/3*
2x115
2x9 / 28
2x15.50
4
030-5351.0
1/2/3*
2x115
2x12 / 20
2x19.70
4
030-5354.0
1/2/3*
2x115
2x15 /16
2x24.80
4
030-5357.0
1/2/3*
2x115
2x18 / 13
2x29.80
4
030-5360.0
1
2x115
2x24 / 10
2x39.10
4
030-5366.0
1
*NOTE: When checking the approval status of this product with VDE, add the prefix
"BV" and the suffix "P" to the orderable Part Number (these letters will also be found
on the part label). The prefix and suffix are not part of the orderable Part Number.
1
2
3
4
5
7
8
9
6
4 x 5
10
(4 x 0.20)
32,5
(1.28)
15
(0.60)
3,5
(0.138)
Pin Ø 0,8 mm
(Pin DIA. 0.031)
Mechanical
Schematics
1
57
9
No. 1
No. 2
1
5
6
7
9
10
No. 3
1
57
9
4
2
No. 4
1
56
7
9
10
4
2
AGENCY
APPROVALS
1. UL 506, File E113449
2. UL 1585, File E175197
3. EN61558
V
D E
Class 2/3


Similar Part No. - 030-5328.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-5325-0 PULSE-030-5325-0 Datasheet
460Kb / 12P
   LAMINATED TRANSFORMERS
More results

Similar Description - 030-5328.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BV030-5693.0 PULSE-BV030-5693.0 Datasheet
71Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 10.5 - 1.0VA
BV030-6061.0 PULSE-BV030-6061.0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS Type EI30 / 12.5 - 1.2VA
logo
TOKYO SEIMITSU CO., LTD
E-DT-80LA ACCRETECH-E-DT-80LA Datasheet
507Kb / 6P
   Detector (Differential Trans-Type) Features
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
logo
Pulse A Technitrol Comp...
BV020-5411.0 PULSE-BV020-5411.0 Datasheet
74Kb / 1P
   LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
EE20 PULSE-EE20 Datasheet
184Kb / 3P
   LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA
9/07
logo
Integrated Device Techn...
IDT74ALVCH162373 IDT-IDT74ALVCH162373_16 Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH
logo
List of Unclassifed Man...
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com