Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-QNG256YES Datasheet(PDF) 3 Page - Microsemi Corporation

Part # P1AFS600-QNG256YES
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-QNG256YES Datasheet(HTML) 3 Page - Microsemi Corporation

  P1AFS600-QNG256YES Datasheet HTML 1Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 2Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 3Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 4Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 5Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 6Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 7Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 8Page - Microsemi Corporation P1AFS600-QNG256YES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
III
Product Ordering Codes
Fusion Device Status
Notes:
1. For Fusion devices, Quad Flat No Lead packages are only offered as RoHS compliant, QNG packages.
2. MicroBlade and Pigeon Point devices only support FG packages.
Fusion
Status
Cortex-M1
Status
Pigeon Point
Status
MicroBlade
Status
AFS090
Production
AFS250
Production
M1AFS250
Production
U1AFS250
Production
AFS600
Production
M1AFS600
Production
P1AFS600
Production
U1AFS600
Production
AFS1500
Production
M1AFS1500
Production
P1AFS1500
Production
U1AFS1500
Production
M1AFS600
FG
_
Part Number
Fusion Devices
Speed Grade
1
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
Package Type
QN = Quad Flat No Lead (0.5 mm pitch)
256
I
G
Package Lead Count
Y
Security Feature
Application (junction temperature range)
Blank = Commercial (0 to +85°C)
I = Industrial (–40 to +100°C)
PP = Pre-Production
ES = Engineering Silicon (room temperature only)
90,000 System Gates
AFS090 =
250,000 System Gates
AFS250 =
ARM-Enabled Fusion Devices
600,000 System Gates
AFS600 =
1,500,000 System Gates
AFS1500 =
MicroBlade Devices
250,000 System Gates
U1AFS250 =
600,000 System Gates
U1AFS600 =
1,500,000 System Gates
U1AFS1500 =
Pigeon Point Devices
600,000 System Gates
P1AFS600 =
1,500,000 System Gates
P1AFS1500 =
250,000 System Gates
M1AFS250 =
600,000 System Gates
M1AFS600 =
1,500,000 System Gates
M1AFS1500 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
Lead-Free Packaging Options
Blank = Standard Packaging
G = RoHS-Compliant (green) Packaging
1
2
Y = Device Includes License to Implement IP Based on
the Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - P1AFS600-QNG256YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-QNG256YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com