Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H0020NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H0020NL
Description  RoHS peak reflow temperature rating 260C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H0020NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H0020NL Datasheet HTML 1Page - Pulse A Technitrol Company H0020NL Datasheet HTML 2Page - Pulse A Technitrol Company H0020NL Datasheet HTML 3Page - Pulse A Technitrol Company H0020NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H304.K (01/12)
1
pulseelectronics.com
10/100 PC Card LAN
Magnetic Modules
RoHS peak reflow temperature rating 260°C
Low profile packages from .094” (2,39mm) to
.078” (1,98mm) for PC card and cardbus
applications
H0013NL, H0019NL
Mechanicals
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
RoHS
Compliant
Part
Number
Turns Ratio
(±5%)
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN)
Differential to
Common
Mode Rejection
(dB MIN)
Crosstalk
(dB MIN)
Hipot
(Vrms MIN)
TX
wRX
100 kHz-100
MHz
30 MHz
60 MHz
80 MHz
30 MHz
50 MHz
100 MHz
30 MHz
62 MHz
100 MHz
H0009NL
1:1
1:1
-0.9
-16
-12
-11
-35
-33
-20
-50
-45
-40
1500
H0013NL
1:1
1:1
-0.9
-16
-12
-11
-35
-33
-20
-50
-45
-40
1500
H0019NL
1:1
1:1
-0.9
-18
-12
-11
-40
-30
-45
-45
-37
1500
H0020NL
1:1
1:1
-1.0
-16
-12
-12
-42
-33
-45
-40
-35
1500
H0022NL
1:1
1:1
-2.0
-18
-14
-12
-40
-35
-30
-50
-45
-40
1500
H0025NL
1:1
1:1
-2.0
-18
-12
-12
-40
-35
-30
-45
-45
-37
1500
1:1
1:1
-1.0
-16
-14
-12
-40
-35
-30
-45
-40
-37
1500
HX0068ANL
1:1
1:1
-1.0
-16
-14
-12
-40
-35
-30
-45
-40
-35
1500
1. Extended operating temperature (-40°C to +85°C)
Notes: When ordering Tape & Reel packaging, add the suffix “T” to the end of the
2. MSL (Moisture Sensitivity Level): a = 1, b = 2, c = 3, d = 4, e = 5
part number. For example: HX0068ANL
T.
2a
2a
2a
2a
2a
2a
1,2a
2a
H0009NL
Weight ......................3 grams
Tape & Reel ..........2000/Reel
Tube ..........................40/Tube
Weight ......................1.3 grams
Tape & Reel ...............900/Reel
Tube .............................25/Tube
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
H0068ANL


Similar Part No. - H0020NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H0020NL PULSE-H0020NL Datasheet
175Kb / 4P
   10/100 PC CARD LAN MAGNETICS MODULES
More results

Similar Description - H0020NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J20-0014NL PULSE-J20-0014NL Datasheet
1Mb / 12P
   RoHS peak wave solder temperature rating 260C
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
   RoHS peak reflow temperature rating 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
   RoHS peak reflow temperature rating 245
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
HC500 PULSE-HC500 Datasheet
1Mb / 4P
   RoHS peak reflow temperature rating 245 C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com