Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5M0965Q Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA5M0965Q
Description  Fairchild Power Switch(SPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0965Q Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA5M0965Q Datasheet HTML 1Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 2Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 3Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 4Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 5Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 6Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 7Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 8Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA5M0965Q
4
Electrical Charcteristics (SFET part) (Continued)
(Ta = 25
°C unless otherwise specified)
NOTE:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
3. These parameters are indicated Inductor current.
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start threshold voltage
VSTART
-
8.4
9
9.6
V
Stop threshold voltage
VSTOP
After turn on
14
15
16
V
OSCILLATOR SECTION
Initial accuracy
FOSC
Ta=25
°C
616773
kHz
Frequency change with temperature (2)
-
−25°C≤Ta≤+85°C-
±5
±10
%
Maximum duty cycle
Dmax
-
74
77
80
%
FEEDBACK SECTION
Feedback source current
IFB
Ta=25
°C, 0V<Vfb<3V
0.7
0.9
1.1
mA
Shutdown Feedback voltage
VSD
Vfb>6.5V
6.9
7.5
8.1
V
Shutdown delay current
Idelay
Ta=25
°C, 5V≤Vfb≤VSD
456
µA
SOFT START SECTION
Soft Start Voltage
VSS
VFB =2V
4.7
5.0
5.3
V
Soft Start Current
ISS
Sync & S/S=GND
0.8
1.0
1.2
mA
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
Max. inductor current
5.28
6.00
6.72
A
PROTECTION SECTION
Thermal shutdown temperature (Tj) (1)
TSD
-
140
160
-
°C
Over voltage protection voltage
VOVP
VCC>24V
25
27
29
V
TOTAL DEVICE SECTION
Start Up current
ISTART
VCC=14V
-
0.1
0.17
mA
Operating supply current (control part only)
IOP
VCC<28
-
7
12
mA


Similar Part No. - KA5M0965Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965QTU FAIRCHILD-KA5M0965QTU Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965QYDTU FAIRCHILD-KA5M0965QYDTU Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5M0965Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com