Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8875 Datasheet(PDF) 9 Page - RAIO Technology Inc.

Part # RA8875
Description  Character/Graphic TFT LCD Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8875 Datasheet(HTML) 9 Page - RAIO Technology Inc.

  RA8875 Datasheet HTML 1Page - RAIO Technology Inc. RA8875 Datasheet HTML 2Page - RAIO Technology Inc. RA8875 Datasheet HTML 3Page - RAIO Technology Inc. RA8875 Datasheet HTML 4Page - RAIO Technology Inc. RA8875 Datasheet HTML 5Page - RAIO Technology Inc. RA8875 Datasheet HTML 6Page - RAIO Technology Inc. RA8875 Datasheet HTML 7Page - RAIO Technology Inc. RA8875 Datasheet HTML 8Page - RAIO Technology Inc. RA8875 Datasheet HTML 9Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Version 1.0
Character / Graphic TFT LCD Controller
RA8875
Item
Resolution
Color
Parallel
MCU
I/F
Serial
MCU
I/F
Int.
DDRAM
Ext.
DDRAM
T/P
2D
+
BTE
ASCII
Ext
Font
ROM
Key-Scan
GPIO
Pakage
RA8870
640x480
65K
8/16 Bit
--
270KB
1MB
Parallel
4/5-Wries
Y
Y
1MB
Parallel
--
6
LQFP-128,
Die
RA8875
800x480
65K
8/16 Bit
3/4/IIC
768KB
--
4- Wires
Y
Y
1MB
Serial
4x5
7
LQFP-100,
Die
RA8875 vs. RA8870
1
Remove 5-wires T/P.
2
Remove DAC and Analog Panel I/F.
3
Embedd DDRAM up to 768Kbytes.
4
Two pages for 320x240 65K-colors.
5
No external DDRAM I/F.
6
Change Parallel Font ROM to Genitop Serial Font ROM.
7
Geometric Speed-up Engine support “Ellipse” function.
8
Add 3/4-wires SPI, IIC .
9
Add 4x5 Smart Key-scan controller for multi-key press.
10
Packahe TQFP-128pins change to TQFP-100pins.
RAiO TECHNOLOGY INC.
www.raio.com.tw
9/9


Similar Part No. - RA8875

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
More results

Similar Description - RA8875

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
RA8871L4N RAIO-RA8871L4N Datasheet
358Kb / 14P
   Character/Graphic TFT LCD Controller
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8806 RAIO-RA8806 Datasheet
4Mb / 174P
   Two Layers Character/Graphic LCD Controller Specification
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
RAIO Technology Inc.
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
   144x65 Character Graphic LCD Driver Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com