Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA8860L4N Datasheet(PDF) 4 Page - RAIO Technology Inc.

Part # RA8860L4N
Description  80x2 dots 16-Colors LCD Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8860L4N Datasheet(HTML) 4 Page - RAIO Technology Inc.

  RA8860L4N Datasheet HTML 1Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 2Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 3Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 4Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 5Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 6Page - RAIO Technology Inc. RA8860L4N Datasheet HTML 7Page - RAIO Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Version 1.1
80x2 Dots 16-Color LCD Driver
RA8860
Pad
No.
Pad Name
X-axis
Y-axis
Pad
No.
Pad Name
X-axis
Y-axis
89
SEG45
-600.0
1350.0
108
SEG64
-2113.0
500.0
90
SEG46
-700.0
1350.0
109
SEG65
-2113.0
400.0
91
SEG47
-800.0
1350.0
110
SEG66
-2113.0
300.0
92
SEG48
-900.0
1350.0
111
SEG67
-2113.0
200.0
93
SEG49
-1000.0
1350.0
112
SEG68
-2113.0
100.0
94
SEG50
-1100.0
1350.0
113
SEG69
-2113.0
0.0
95
SEG51
-1200.0
1350.0
114
SEG70
-2113.0
-100.0
96
SEG52
-1300.0
1350.0
115
SEG71
-2113.0
-200.0
97
SEG53
-1400.0
1350.0
116
SEG72
-2113.0
-300.0
98
SEG54
-1510.0
1350.0
117
SEG73
-2113.0
-400.0
99
SEG55
-1635.0
1350.0
118
SEG74
-2113.0
-500.0
100
SEG56
-1785.0
1350.0
119
SEG75
-2113.0
-600.0
101
SEG57
-2113.0
1285.0
120
SEG76
-2113.0
-700.0
102
SEG58
-2113.0
1135.0
121
SEG77
-2113.0
-800.0
103
SEG59
-2113.0
1010.0
122
SEG78
-2113.0
-900.0
104
SEG60
-2113.0
900.0
123
SEG79
-2113.0
-1010.0
105
SEG61
-2113.0
800.0
124
COM0
-2113.0
-1135.0
106
SEG62
-2113.0
700.0
125
COM1
-2113.0
-1285.0
107
SEG63
-2113.0
600.0
5. Pin Diagram
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
TP6
TP5
TP4
TP3
TP2
TP1
TP0
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
RA8860
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
SEG21
SEG20
SEG19
65
64
63
123
124
125
SEG60
SEG61
SEG62
SEG63
SEG64
SEG65
SEG66
SEG67
SEG68
SEG69
SEG70
SEG71
SEG72
SEG73
SEG74
SEG75
SEG76
SEG77
SEG78
SEG79
COM0
COM1
SEG57
SEG58
SEG59
101
102
103
PAD Window: 70um x 70um
PAD Pt.: 100um (min.)
Chip size: 4346um x 2820um
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
TP6
TP5
TP4
TP3
TP2
TP1
TP0
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
RA8860
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
SEG21
SEG20
SEG19
65
64
63
123
124
125
SEG60
SEG61
SEG62
SEG63
SEG64
SEG65
SEG66
SEG67
SEG68
SEG69
SEG70
SEG71
SEG72
SEG73
SEG74
SEG75
SEG76
SEG77
SEG78
SEG79
COM0
COM1
SEG57
SEG58
SEG59
SEG60
SEG61
SEG62
SEG63
SEG64
SEG65
SEG66
SEG67
SEG68
SEG69
SEG70
SEG71
SEG72
SEG73
SEG74
SEG75
SEG76
SEG77
SEG78
SEG79
COM0
COM1
SEG57
SEG58
SEG59
101
102
103
PAD Window: 70um x 70um
PAD Pt.: 100um (min.)
Chip size: 4346um x 2820um
RAiO TECHNOLOGY INC.
4/7
www.raio.com.tw


Similar Part No. - RA8860L4N

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8863 RAIO-RA8863 Datasheet
48Kb / 6P
   Dot Matrix LCD Controller Specification
More results

Similar Description - RA8860L4N

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPL169256A GENERALPLUS-GPL169256A Datasheet
1Mb / 17P
   16-bit LCD Controller with 2368 Dots Driver
GPL169251A GENERALPLUS-GPL169251A Datasheet
1Mb / 19P
   16-bIT LCD Controller with 2368 Dots Driver and USB Interface
GPL169256UA GENERALPLUS-GPL169256UA Datasheet
1Mb / 17P
   16-bit LCD Controller with 2368 Dots Driver and USB Interface
GPL191B2 GENERALPLUS-GPL191B2 Datasheet
447Kb / 18P
   1024 Dots LCD Controller/Driver with 256KB ROM
GPL191C GENERALPLUS-GPL191C Datasheet
698Kb / 18P
   1024 Dots LCD Controller/Driver with 256KB ROM
logo
Rohm
BU98664CH-3BW ROHM-BU98664CH-3BW Datasheet
303Kb / 7P
   65,536 Colors 132RGB x 164 STN LCD control driver
logo
List of Unclassifed Man...
SEPS225 ETC2-SEPS225 Datasheet
1Mb / 44P
   128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller
logo
Rohm
BU98582CH-3BW ROHM-BU98582CH-3BW Datasheet
448Kb / 7P
   65,536 Colors 104RGB x 82 STN LCD control driver
BU98570CH-3BW ROHM-BU98570CH-3BW Datasheet
316Kb / 7P
   65,536 Colors 98RGB x 70 STN LCD control driver
BU98032CH-3BW ROHM-BU98032CH-3BW Datasheet
288Kb / 7P
   65,536 Colors 132RGB x 132 STN LCD control driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com