Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET03MF1AQE2 Datasheet(PDF) 3 Page - C&K Components

Part # ET03MF1AQE2
Description  Sealed Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ET03MF1AQE2 Datasheet(HTML) 3 Page - C&K Components

  ET03MF1AQE2 Datasheet HTML 1Page - C&K Components ET03MF1AQE2 Datasheet HTML 2Page - C&K Components ET03MF1AQE2 Datasheet HTML 3Page - C&K Components ET03MF1AQE2 Datasheet HTML 4Page - C&K Components ET03MF1AQE2 Datasheet HTML 5Page - C&K Components ET03MF1AQE2 Datasheet HTML 6Page - C&K Components ET03MF1AQE2 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
F–27
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
ET Series
Sealed Subminiature Toggle Switches
ACTUATOR
BUSHING
TERMINATIONS
SP
DP
ET02 – omit center hole.
PC MOUNTING
SP
DP
SP
DP
(NONE)
BLACK (M3 & S3 only)
1
WHITE (M3 & S3 only)
PLASTIC
ACTUATOR COLOR
OPTION
CODE
M .240" HIGH
C
PC THRU-HOLE
W
WIRE WRAP
S1
.540" HIGH
D1
.177" HIGH, UNTHREADED
F1
ESD, CONDUCTIVE BUSHING
UNTHREADED, .177" HIGH
F1 bushing is not UL/CSA approved
M3
PLASTIC, ANTISTATIC,
.240" HIGH
S
.400" HIGH
L
.320" HIGH
NOTE: ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is
impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground.
Available with all metal actuator options and A, AV, AV3, V3 and V31 termination options only.
Internal actuator o-ring seal standard.
Material: Nylon 4/6 (UL 94V-0), black standard.
Static resistance: 9,000 V DC min. @ sea level,
actuator to terminals. Not available with F1
conductive bushing option. Not UL approved.
NOTE: All actuators have chrome finish (except M3 & S3 ).
Standard with A, AV, V3 & V31 terminations.
Not available with F1 conductive bushing.
Not available with F1 conductive bushing.
Standard with C or W terminations.
SP and DP
SP and DP
ACTUATOR COLOR


Similar Part No. - ET03MF1AQE2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ET03J1AB1 ITT-ET03J1AB1 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET03J1AB2 ITT-ET03J1AB2 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET03J1AB3 ITT-ET03J1AB3 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET03J1ABE ITT-ET03J1ABE Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET03J1AK1 ITT-ET03J1AK1 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
More results

Similar Description - ET03MF1AQE2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com