Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODD-3W-2 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # ODD-3W-2
Description  RED ENHANCED 3.1mm2 X 2 BI-CELL PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

ODD-3W-2 Datasheet(HTML) 1 Page - OptoDiode Corp

  ODD-3W-2_13 Datasheet HTML 1Page - OptoDiode Corp ODD-3W-2_13 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
RED ENHANCED 3.1mm2 X 2 BI-CELL PHOTODIODE
ODD-3W-2
FEATURES
• Red enhanced
• Low noise
• High response
• High shunt resistance
• Low profile TO-5 package
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Dark Current, ID
Shunt Resistance, RSH
Junction Capacitance, CJ
Junction Capacitance, CJ
Spectral Application Range, λrange
Responsivity, R
Responsivity, R
Breakdown Voltage, VR
Noise Equivalent Power, NEP
Response Time, tr1
Response Time, tr1
1Response time of 10% to 90% is specified at 660 nm.
250
0.32
0.50
0.9
300
30
7.5
0.36
0.60
75
2.5 x 10-14
190
8
VR = 5 V
VR = 10 mV
VR = 0 V, f = 1 MHz
VR = 10 V, f = 1 MHz
Spot Scan
λ = 633 nm, VR = 0 V
λ = 900 nm, VR = 0 V
IR = 10 µA
VR = 0 V, λ = 950 nm
RL = 50 Ω, VR = 0 V
RL = 50 Ω, VR = 10 V
2.5
1100
na
pF
pF
nm
A/W
A/W
V
W/√HZ
nsec
nsec
ABSOLUTE MAXIMUM RATINGS AT 25°C
PARAMETER
MIN
MAX
UNITS
Reverse Voltage, VR
Storage Temperature, TSTG
Operating Temperature, TO
Lead Soldering Temperature (1/16" from case for 3 sec)
– 55
– 40
100
+150
+125
+260
V
°C
°C
°C
ACTIVE AREA POSITION RELATIVE TO ± .358/.370
DIMENSION ± .010"
45°
ANODE CELL #1
∅ .200
∅ .018
.035
80°
VIEWING
ANGLE
.030
.075
.50 MIN
.020
COMMON CATHODE
CASE GROUND
.012 MAX
GLASS HEIGHT
ANODE CELL #2
.358
.370
.111 [2.82]
2 X
.100 [2.54]
ACTIVE AREA
2 X .048 [1.22]
ACTIVE AREA
COMMON CATHODE
CASE GROUND
.111 [2.82]
.004 [0.10] GAP
1 ANODE CELL #1
3 ANODE CELL #2
CELL #1
CELL #2
2
.128
.110
.316
.324
.228
.236
RoHS
Revision February 26, 2013


Similar Part No. - ODD-3W-2_13

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-3W-2 OPTODIODE-ODD-3W-2_15 Datasheet
381Kb / 2P
   RED ENHANCED 3.1mm2 X 2 BI-CELL PHOTODIODE
More results

Similar Description - ODD-3W-2_13

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-3W-2 OPTODIODE-ODD-3W-2_15 Datasheet
381Kb / 2P
   RED ENHANCED 3.1mm2 X 2 BI-CELL PHOTODIODE
ODD-3W-2 OPTODIODE-ODD-3W-2 Datasheet
459Kb / 2P
   RED ENHANCED 3.1 MM2 X 2 BI-CELL PHOTODIODE
logo
Luna Innovations Incorp...
SD160-24-21-021 LUNA-SD160-24-21-021 Datasheet
125Kb / 2P
   Red Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD066-24-21-011 ADVANCEDPHOTONIX-SD066-24-21-011 Datasheet
102Kb / 1P
   Red Enhanced Bi-Cell Silicon Photodiode
SD160-24-21-021 ADVANCEDPHOTONIX-SD160-24-21-021 Datasheet
103Kb / 1P
   Red Enhanced Bi-Cell Silicon Photodiode
logo
Luna Innovations Incorp...
SD385-24-21-041 LUNA-SD385-24-21-041 Datasheet
122Kb / 2P
   Red Enhanced Bi-Cell Silicon Photodiode
SD113-24-21-021 LUNA-SD113-24-21-021 Datasheet
108Kb / 2P
   Red Enhanced Bi-Cell Silicon Photodiode
logo
List of Unclassifed Man...
SD385-24-21-041 ETC2-SD385-24-21-041 Datasheet
169Kb / 2P
   Red Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD113-24-21-021 ADVANCEDPHOTONIX-SD113-24-21-021 Datasheet
102Kb / 1P
   Red Enhanced Bi-Cell Silicon Photodiode
SD385-24-21-041 ADVANCEDPHOTONIX-SD385-24-21-041 Datasheet
84Kb / 1P
   Red Enhanced Bi-Cell Silicon Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com