Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6371 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N6371
Description  HIGH POWER SILICON NPN TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6371 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N6371 Datasheet HTML 1Page - Comset Semiconductor 2N6371 Datasheet HTML 2Page - Comset Semiconductor 2N6371 Datasheet HTML 3Page - Comset Semiconductor 2N6371 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN 2N6253 – 2N6254 – 2N6371
09/11/2012
COMSET SEMICONDUCTORS
3 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=0.2 A, IB=0 A
2N6253
45
-
-
V
2N6254
80
-
-
2N6371
40
-
-
VCER(SUS)
Collector-Emitter Sustaining
Voltage (*)
RBE=100Ω
IC=0.2 mA
2N6253
55
-
-
V
2N6254
85
-
-
2N6371
45
-
-
VCEV(SUS)
Base-Emitter Voltage (*)
IC=0.1 A
VBE=-1.5 V
2N6253
55
-
-
V
2N6254
90
-
-
2N6371
50
-
-
VBE
Base-Emitter Voltage (*)
VCE=4 V, IC=3 A
2N6253
-
-
1.7
V
VCE=2 V, IC=5 A
2N6254
-
-
1.5
VCE=4 V, IC=16 A
2N6371
-
-
4
hFE
Static Forward Current
transfer ratio (*)
VCE=4 V, IC=3 A
2N6253
20
-
70
-
VCE=4 V, IC=15 A
3
-
-
VCE=2 V, IC=5 A
2N6254
20
-
70
VCE=4 V, IC=15 A
5
-
-
VCE=4 V, IC=8 A
2N6371
15
-
60
VCE=4 V, IC=16 A
4
-
-
hfe
Small Signal Current Gain
VCE=4 V, IC=1 A
f=1 kHz
2N6253
2N6254
2N6371
10
-
-
-
fT
Transition Frequency
VCE=4 V, IC=1 A
2N6253
-
-
-
kHz
2N6254
-
-
-
2N6371
800
-
-
Is/b
Second Breakdown
Collector Current
tp=1s, non rep.
VCE=45 V
2N6253
2.55
-
-
A
2N6254
1.87
-
-
VCE=40 V
2N6371
2.9
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - 2N6371

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6371 CENTRAL-2N6371 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6371 ETC1-2N6371 Datasheet
40Kb / 1P
   TO-3 Power Package Transistors (NPN)
logo
Savantic, Inc.
2N6371 SAVANTIC-2N6371 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6371 JMNIC-2N6371 Datasheet
153Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
2N6371 COMSET-2N6371 Datasheet
207Kb / 4P
   HIGH POWER SILICON NPN TRANSISTORS
More results

Similar Description - 2N6371

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
   HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N5301 NJSEMI-2N5301 Datasheet
282Kb / 2P
   HIGH-POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com