Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3845BD Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA3845BD
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3845BD Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3845BD Datasheet HTML 3Page - Fairchild Semiconductor KA3845BD Datasheet HTML 4Page - Fairchild Semiconductor KA3845BD Datasheet HTML 5Page - Fairchild Semiconductor KA3845BD Datasheet HTML 6Page - Fairchild Semiconductor KA3845BD Datasheet HTML 7Page - Fairchild Semiconductor KA3845BD Datasheet HTML 8Page - Fairchild Semiconductor KA3845BD Datasheet HTML 9Page - Fairchild Semiconductor KA3845BD Datasheet HTML 10Page - Fairchild Semiconductor KA3845BD Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
KA3842B/KA3843B/KA3844B/KA3845B
7
Shutdown of the KA3842B can be accomplished by two methods; either raise pin 3 above 1V or pull pin 1 below a voltage
two diode drops above ground. Either method causes the output of the PWM comparator to be high (refer to block diagram).
The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the shutdown condition at
pins 1 and/or 3 is removed. In one example, an externally latched shutdown may be accomplished by adding an SOR which
will be reset by cycling Voc below the lower UVLO threshold. At this point the reference turns off, allowing the SCR to reset.
Figure 9. Slope Compensation
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope compensation for
converters requiring duty cycles over 50%. Note that capacitor, C, forms a filter with R2 to suppress the leading edge switch
spikes.
TEMPERATURE (
°C)
Figure 10. TEMPERATURE DRIFT (Vref)
TEMPERATURE (
°C)
Figure 11. TEMPERATURE DRIFT (Ist)
TEMPERATURE (
°C)
Figure 12. TEMPERATURE DRIFT (Icc)


Similar Part No. - KA3845BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3845BD FAIRCHILD-KA3845BD Datasheet
125Kb / 10P
   SMPS Controller
logo
ON Semiconductor
KA3845BD ONSEMI-KA3845BD Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results

Similar Description - KA3845BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com