Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4903 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N4903
Description  PNP SILICON TRANSISTORS, EPITAXIAL BASE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4903 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N4903 Datasheet HTML 1Page - Comset Semiconductor 2N4903 Datasheet HTML 2Page - Comset Semiconductor 2N4903 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N4901 – 2N4902 – 2N4903
17/10/2012
COMSET SEMICONDUCTORS
2 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage)
IC=200 mAdc, IB=0
2N4901
-40
-
-
V
2N4902
-60
2N4903
-80
ICBO
Collector-Base cut-off
Current
VCE=-40 V, IE=0
2N4901
-
-
0.1
mA
VCE=-60 V, IE=0
2N4902
-
-
0.1
VCE=-80 V, IE=0
2N4903
-
-
0.1
ICEX
Collector Cutoff Current
VCE=-40 V, VEB=1.5 V
2N4901
-
-
-0.1
mA
VCE=-40 V, VEB=1.5 V
TCASE=150°C
-
-
-2.0
VCE=-60 V, VEB=1.5 V
2N4902
-
-
-0.1
VCE=-60 V, VEB=1.5 V
TCASE=150°C
-
-
-2.0
VCE=-80 V, VEB=1.5 V
2N4903
-
-
-0.1
VCE=-80 V, VEB=1.5 V
TCASE=150°C
-
-
-2.0
IEBO
Emitter Cutoff Current
VBE=5.0 V, IC=0
2N4901
-
-
-1.0
mA
2N4902
2N4903
hFE
DC Current Gain (*)
VCE=-2.0 V, IC=-1.0 A
2N4901
20
-
80
V
2N4902
2N4903
VCE=-2.0 V, IC=-5.0 A
2N4901
7
-
-
2N4902
2N4903
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=-1.0 A, IB=-0.1 A
2N4901
-
-
-0.4
V
2N4902
2N4903
IC=-5.0 A, IB=-1.0 A
2N4901
-
-
-1.5
2N4902
2N4903
VBE
Base-Emitter Voltage (*) IC=-1.0 A, VCE=-2.0 V
2N4901
-
-
-1.2
V
2N4902
2N4903
VBE(SAT)
Base-Emitter Saturation
Voltage (*)
IC=-5.0 A, IB=-1.0 A
2N4901
-
1.7
-
V
2N4902
2N4903
Hfe
Forward Current
Transfer Ratio (*)
VCE=-10 V, IC=-0.5 A
f =1MHz
20
-
-
V
fT
Transition Frequency
VCE=-10 V, IC=-1.0 A, f=1.0 kHz
4
-
-
MHz
Is/b
Second Breakdown
Collector Current
t=1 s, VCE=40 V, TCASE=100°C
1.25
-
-
A
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - 2N4903

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4903 MOSPEC-2N4903 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
logo
Central Semiconductor C...
2N4903 CENTRAL-2N4903 Datasheet
96Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Boca Semiconductor Corp...
2N4903 BOCA-2N4903 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4903 ETC-2N4903 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N4903 SAVANTIC-2N4903 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N4903

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Micro Electronics
BD242 MICRO-ELECTRONICS-BD242 Datasheet
98Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6246 ETC-2N6246 Datasheet
359Kb / 7P
   SILICON PNP EPITAXIAL BASE HIGH POWER TRANSISTORS
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Comset Semiconductor
BDX20 COMSET-BDX20_12 Datasheet
75Kb / 3P
   SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com