Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICPL0600 Datasheet(PDF) 4 Page - ISOCOM COMPONENTS

Part # ICPL0600
Description  DESCRIPTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0600 Datasheet(HTML) 4 Page - ISOCOM COMPONENTS

  ICPL0600 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0600 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 5/12/2012
DC93162
ELECTRICAL CHARACTERISTICS (TA = -40°C to 85°C unless otherwise specified)
Switching Characteristics (TA = -40°C to 85°C, VCC = 5V, IF = 7.5mA unless otherwise specified)
* Typical values at TA = 25°C
ICPL0600 / ICPL0601 / ICPL0611
ISOCOM
COMPONENTS
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Common Mode
Transient Immunity at
Logic High
CMH
ICPL0600 (Fig 14)
IF = 0mA, VOH = 2V,
RL = 350Ω, VCM = 10Vp-p,
TA = 25°C
V/μs
ICPL0601 (Fig 14)
IF = 0mA, VOH = 2V,
RL = 350Ω, VCM = 50Vp-p,
TA = 25°C
5000
ICPL0611 (Fig 14)
IF = 0mA, VOH = 2V,
RL = 350Ω, VCM = 400Vp-p,
TA = 25°C
10000
ICPL0611 (Fig 15)
IF = 0mA, VOH = 2V,
RL = 350Ω, VCM = 400Vp-p,
TA = 25°C
15000
Common Mode
Transient Immunity at
Logic Low
CML
ICPL0600 (Fig 14)
IF = 7.5mA, VOL =0.8V,
RL = 350Ω, VCM = 10Vp-p,
TA = 25°C
V/μs
ICPL0601 (Fig 14)
IF = 7.5mA, VOL =0.8V,
RL = 350Ω, VCM = 50Vp-p,
TA = 25°C
5000
ICPL0611 (Fig 14)
IF = 7.5mA, VOL = 0.8V,
RL = 350Ω, VCM = 400Vp-p,
TA = 25°C
10000
ICPL0611 (Fig 15)
IF = 7.5mA, VOL = 0.8V,
RL = 350Ω, VCM = 400Vp-p,
TA = 25°C
15000


Similar Part No. - ICPL0600

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
ICPL0453 ISOCOM-ICPL0453 Datasheet
547Kb / 10P
   DESCRIPTION
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
   ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ICPL0500 ISOCOM-ICPL0500 Datasheet
547Kb / 10P
   DESCRIPTION
ICPL0500SMT-R ISOCOM-ICPL0500SMT-R Datasheet
547Kb / 10P
   The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
More results

Similar Description - ICPL0600

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
   DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
   DESCRIPTION
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
   Marking Description
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
   General Description
logo
Intel Corporation
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
   Hardware Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
   GENERAL DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com