Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 2 Page - Comset Semiconductor

Part No. 2N2219A
Description  SWITCHING SILICON TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

   
 2 page
background image
NPN 2N2218 – 2N2218A
2N2219 – 2N2219A
16/10/2012
COMSET SEMICONDUCTORS
2 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Max
Unit
ICBO
Collector Cutoff
Current
VCB= 50 V
IE= 0
Tj= 25°C
2N2218-2N2219
-
-
10
nA
Tj= 150°C 2N2218-2N2219
-
-
10
µA
VCB= 60 V
IE= 0
Tj= 25°C
2N2218A-2N2219A
-
-
10
nA
Tj= 150°C 2N2218A-2N2219A
-
-
10
µA
IEBO
Emitter Cutoff
Current
VBE= 3.0 V, IC=0
2N2218-2N2219
-
-
10
nA
2N2218A-2N2219A
ICEX
Collector Cutoff
Current
VCE= 60 V, -VBE= 3V
2N2218A-2N2219A
-
-
10
nA
VCEO
Collector Emitter
Breakdown
Voltage (*)
IC= 10 mA, IB= 0
2N2218-2N2219
30
-
-
V
2N2218A-2N2219A
40
-
-
VCBO
Collector Base
Breakdown
Voltage
IC= 10 µA, IE= 0
2N2218-2N2219
60
-
-
V
2N2218A-2N2219A
75
-
-
VEBO
Emitter Base
Breakdown
Voltage
IE= 10 µA, IC= 0
2N2218-2N2219
5
-
-
V
2N2218A-2N2219A
6
-
-
hFE
DC Current Gain
(*)
IC=0.1 mA, VCE=10 V
2N2218-2N2218A
20
-
-
-
2N2219-2N2219A
35
-
-
IC=1 mA, VCE=10 V
2N2218-2N2218A
25
-
-
2N2219-2N2219A
50
-
-
IC=10 mA, VCE=10 V
2N2218-2N2218A
35
-
-
2N2219-2N2219A
75
-
-
IC=10 mA, VCE=10 V
Tamb = -55°C
2N2218A
15
-
-
2N2219A
35
-
-
IC=150 mA, VCE=1 V
2N2218-2N2218A
20
-
-
2N2219-2N2219A
50
-
-
IC=150 mA, VCE=10 V
2N2218-2N2218A
40
-
120
2N2219-2N2219A
100
-
300
IC=500 mA, VCE=10 V
2N2218
20
-
-
2N2218A
25
2N2219
30
-
-
2N2219A
40




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl