Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1613_12 Datasheet(PDF) 3 Page - Comset Semiconductor

Part No. 2N1613_12
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COMSET [Comset Semiconductor]
Homepage  http://comset.halfin.com
Logo 

   
 3 page
background image
NPN 2N1613 – 2N1711
24/09/2012
COMSET SEMICONDUCTORS
3/3
MECHANICAL DATA CASE TO-39
Revised August 2012
         
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E
-
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K
12.70
-
L
42°
48°
Pin 1 :
Emitter
Pin 2 :
Base
Pin 3 :
Collector
Case :
Collector




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl