Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD70HC5MEFJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD70HC5MEFJ-E2
Description  Automotive 1.5A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD70HC5MEFJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD70HC5MEFJ-E2 Datasheet HTML 2Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 3Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 4Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 5Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 6Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 7Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 8Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 9Page - Rohm BD70HC5MEFJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
BDxxHC5MEFJ-M
Datasheet
TSZ02201-0R6R0AN00280-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Fig.7
Transient Response
(1.0→0A)
Co=1µF,Ta=25℃
Vo
50mV/div
Io
1A/div
Vo
50mV/div
Io
1A/div
Fig.8
Transient Response
(1.0→0A)
Co=1µF,Ta=105℃
Vcc
2V/div
Vo
2V/div
Fig.9
Input sequence 1
Co=1µF,Ta=-40℃
Vcc
2V/div
Vo
2V/div
VEN
2V/div
Fig.10
Input sequence 1
Co=1µF,Ta=25℃
VEN
2V/div
2msec/div
2msec/div
200usec/div
200usec/div


Similar Part No. - BD70HC5MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD70HC5MEFJ-LB ROHM-BD70HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD70HC5MEFJ-LBH2 ROHM-BD70HC5MEFJ-LBH2 Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD70HC5MEFJ-ME2 ROHM-BD70HC5MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD70HC5MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com