Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM105B105K16A Datasheet(PDF) 10 Page - Rohm

Part # CM105B105K16A
Description  Automotive 0.5A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CM105B105K16A Datasheet(HTML) 10 Page - Rohm

Back Button CM105B105K16A Datasheet HTML 6Page - Rohm CM105B105K16A Datasheet HTML 7Page - Rohm CM105B105K16A Datasheet HTML 8Page - Rohm CM105B105K16A Datasheet HTML 9Page - Rohm CM105B105K16A Datasheet HTML 10Page - Rohm CM105B105K16A Datasheet HTML 11Page - Rohm CM105B105K16A Datasheet HTML 12Page - Rohm CM105B105K16A Datasheet HTML 13Page - Rohm CM105B105K16A Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
BDxxHA5MEFJ-M
Datasheet
TSZ02201-0R6R0AN00260-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Fig. 25
IO-VO
Fig. 26
VCC-ISD
(VEN=0V)
Fig.10
Ta-ISD
(VEN=0V)
Fig.11
Ta-IEN
VCC [V]
Fig. 23
Ta-ISD
(VEN=0V)
Fig. 24
Ta-IEN
Temp=-40°C
Temp=25°C
Temp=105°C
85
85
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Ta[°C]
0.0
2.0
4.0
6.0
8.0
-40
-15
10
35
60
85
Ta[°C]
Ta [°C]
Ta [°C]
105
105
Fig. 24
Ta-IEN
0.0
1.0
2.0
3.0
4.0
5.0
02
46
8
VCC [V]
VCC [V]
Temp=-40°C
Temp=25°C
Temp=105°C


Similar Part No. - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
CM105B105K16A ROHM-CM105B105K16A Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
More results

Similar Description - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GA5MEFJ-ME2 ROHM-BD00GA5MEFJ-ME2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com