Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-1 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # CNY17F-1
Description  NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

CNY17F-1 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  CNY17F-1 Datasheet HTML 1Page - ISOCOM COMPONENTS CNY17F-1 Datasheet HTML 2Page - ISOCOM COMPONENTS CNY17F-1 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26/11/08
DB92179
OPTION G
7.62
0.26
0.5
1
34
6
Dimensions in mm
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
0.26
7.62
6.62
25
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUTTRANSISTOR
Collector-emitterVoltage BV
CEO
70V
Emitter-collectorVoltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
160mW
POWERDISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
NON-BASE LEAD
OPTICALLY COUPLED ISOLATOR
PHOTOTRANSISTOR OUTPUT
0.5
APPROVALS
UL recognised, File No. E91231
Package Code GG
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
Certified to EN60950 by
Nemko-CertificateNo.P01102464
DESCRIPTION
TheCNY17F-1,CNY17F-2,CNY17F-3,CNY17F-4
series of optically coupled isolators consist of
infrared light emitting diode and NPN silicon
photo transistor in a standard 6 pin dual in line
plastic package with the base pin unconnected.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
High BV
CEO (70V min)
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
Base pin unconnected for improved noise
immunity in high EMI environment
APPLICATIONS
DC motor controllers
Industrial systems controllers
Signal transmission between systems of
different potentials and impedances
CNY17F-1X, CNY17F-2X, CNY17F-3X, CNY17F-4X
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
10.46
9.86
0.6
0.1
1.25
0.75
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool,TS25 1UD EnglandTel:
(01429)863609 Fax:(01429)863581 e-mail
sales@isocom.co.uk http://www.isocom.com


Similar Part No. - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-1 ETC1-CNY17F-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-1 CTMICRO-CNY17F-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS205 ISOCOM-IS205_08 Datasheet
72Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
ISPD60 ISOCOM-ISPD60_10 Datasheet
625Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8101 ISOCOM-MOC8101_08 Datasheet
74Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com