Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9176403Q3A Datasheet(PDF) 2 Page - Analog Devices

Part # 5962-9176403Q3A
Description  MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9176403Q3A Datasheet(HTML) 2 Page - Analog Devices

  5962-9176403Q3A Datasheet HTML 1Page - Analog Devices 5962-9176403Q3A Datasheet HTML 2Page - Analog Devices 5962-9176403Q3A Datasheet HTML 3Page - Analog Devices 5962-9176403Q3A Datasheet HTML 4Page - Analog Devices 5962-9176403Q3A Datasheet HTML 5Page - Analog Devices 5962-9176403Q3A Datasheet HTML 6Page - Analog Devices 5962-9176403Q3A Datasheet HTML 7Page - Analog Devices 5962-9176403Q3A Datasheet HTML 8Page - Analog Devices 5962-9176403Q3A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-91764
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing documents two product assurance class levels consisting of high reliability (device classes Q and
M) and space application (device class V). A choice of case outlines and lead finishes are available and are reflected in the Part
or Identifying Number (PIN). When available, a choice of Radiation Hardness Assurance (RHA) levels is reflected in the PIN.
1.2 PIN. The PIN is as shown in the following example:
5962
-
91764
01
M
X
A
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Device
class
designator
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
(see 1.2.3)
\/
Drawing number
1.2.1 RHA designator. Device classes Q and V RHA marked devices meet the MIL-PRF-38535 specified RHA levels and are
marked with the appropriate RHA designator. Device class M RHA marked devices meet the MIL-PRF-38535, appendix A
specified RHA levels and are marked with the appropriate RHA designator. A dash (-) indicates a non-RHA device.
1.2.2 Device types. The device types identify the circuit function as follows:
Device type
Generic number
Circuit function
Output registers on
reset (see figure 2)
01
DAC8412A
Quad, voltage output, 12-bit
Midscale
BiCMOS DAC with readback
02
DAC8412B
Quad, voltage output, 12-bit
Midscale
BiCMOS DAC with readback
03
DAC8413A
Quad, voltage output, 12-bit
Zero scale
BiCMOS DAC with readback
04
DAC8413B
Quad, voltage output, 12-bit
Zero scale
BiCMOS DAC with readback
1.2.3 Device class designator. The device class designator is a single letter identifying the product assurance level as
follows:
Device class
Device requirements documentation
M
Vendor self-certification to the requirements for MIL-STD-883 compliant, non-
JAN class level B microcircuits in accordance with MIL-PRF-38535, appendix A
Q or V
Certification and qualification to MIL-PRF-38535
1.2.4 Case outlines. The case outlines are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
X
GDIP1-T28 or CDIP2-T28
28
Dual-in-line
3
CQCC1-N28
28
Square leadless chip carrier
1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535,
appendix A for device class M.


Similar Part No. - 5962-9176403Q3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9176301QEA TI-5962-9176301QEA Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
5962-9176301QEA TI1-5962-9176301QEA Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - 5962-9176403Q3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com