Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9261B18CPR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9261B18CPR-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9261B18CPR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9261B18CPR-G Datasheet HTML 6Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 7Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 8Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 9Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 10Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 11Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 12Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 13Page - Torex Semiconductor XC9261B18CPR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10/28
XC9260/XC9261Series
TYPICAL APPLICATION CIRCUIT
* In the case of SOT-89-5, AGND and PGND are treated as VSS.
Typical Examples】fOSC=1.2MHz
MANUFACTURER
PRODUCT NUMBER
VALUE
murata
LQH5BPN4R7NT0L
4.7μH
TDK
LTF5022T-4R7N2R0-LC
4.7μH
L
Coilcraft
XFL4020-472MEC
4.7μH
Typical Examples】fOSC=3.0MHz
MANUFACTURER
PRODUCT NUMBER
VALUE
murata
LQM2MPN1R0MGH
1.0μH
TAIYO YUDEN
MAKK2016T1R0M
1.0μH
L
TDK
MLP2520K1R0M
1.0μH
Typical Examples】
(*1) fOSC=1.2MHz, fOSC=3.0MHz
MANUFACTURER
PRODUCT NUMBER
VALUE
murata
GRM155R61A106M
10μF/10V
murata
GRM21BR71A106KE51
10μF/10V
CIN
TAIYO YUDEN
LMK212AB7106MG
10μF/10V
murata
GRM155R61A106M
10μF/10V
(*2)
murata
GRM21BR71A106KE51
10μF/10V
(*2)
CL
TAIYO YUDEN
LMK212AB7106MG
10μF/10V
(*2)
(*1) Select components appropriate to the usage conditions (ambient temperature, input & output voltage).
(*2) CL=20μF or more if VIN - VOUT(T)<1.5
The relationship between Output Voltage, Input Voltage, and CL value
2.5
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Output Voltage (V)
External components
CL = 10μF
External components
CL = 20μF or more


Similar Part No. - XC9261B18CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9261B18CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com