Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXM56LF_AU_0001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SXM56LF_AU_0001
Description  ULTRA LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SXM56LF_AU_0001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SXM56LF_AU_0001 Datasheet HTML 1Page - Pan Jit International Inc. SXM56LF_AU_0001 Datasheet HTML 2Page - Pan Jit International Inc. SXM56LF_AU_0001 Datasheet HTML 3Page - Pan Jit International Inc. SXM56LF_AU_0001 Datasheet HTML 4Page - Pan Jit International Inc. SXM56LF_AU_0001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
August 1,2013-REV.00
SXM56LF
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
0.232
(5.9)
0.106
(2.7)
0.063
(1.6)


Similar Part No. - SXM56LF_AU_0001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF_R2_00001 PANJIT-SXM56LF_R2_00001 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SXM56LF_AU_0001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com