Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002K-AU_SU_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2N7002K-AU_SU_10001
Description  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002K-AU_SU_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2N7002K-AU_SU_10001 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 6Page - Pan Jit International Inc. 2N7002K-AU_SU_10001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
October 29,2010-REV.02
2N7002K-AU
60V N-Channel Enhancement Mode MOSFET - ESD Protected
Maximum RATINGS and Thermal Characteristics (T
A=25
O
C unless otherwise noted )
Note: 1. Maximum DC current limited by the package
2. Surface mounted on FR4 board, t < 5 sec
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
PA RA ME TE R
S ymbol
Li mi t
Uni ts
D rai n-S ource Voltage
V
DS
60
V
Gate-S ource Voltage
V
GS
+20
V
C o nti nuo us D ra i n C urre nt
I
D
300
mA
P uls ed D rai n C urrent 1)
I
DM
2000
mA
Maxi mum P ower D i ssi pati on
T
A =2 5
O
C
T
A =7 5
O
C
P
D
350
210
mW
Operati ng Juncti on and S torage Temperature Range
T
J ,T STG
-55 to + 150
O
C
Junction-to Ambient Thermal Resistance(PCB mounted)2
R
θ
JA
357
O
C/W
MECHANICAL
• Case: SOT-23 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Apporx. Weight: 0.0003 ounces, 0.0084 grams
• Marking : K72
DATA
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• R
DS(ON), VGS@10V,IDS@500mA=3Ω
• R
DS(ON), VGS@4.5V,IDS@200mA=4Ω
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Very Low Leakage Current In Off Condition
• Specially Designed for Battery Operated Systems, Solid-State Relays
Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc.
• ESD Protected 2KV HBM
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - 2N7002K-AU_SU_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results

Similar Description - 2N7002K-AU_SU_10001

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com