Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5921-AU_BX_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SMB5921-AU_BX_10001
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB5921-AU_BX_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SMB5921-AU_BX_10001 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 4Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 5Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 6Page - Pan Jit International Inc. 1SMB5921-AU_BX_10001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
STAD-FEB.10.2009
1
1SMB5921-AU~1SMB5942-AU
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical I
R less than 1.0µA above 12V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-214AA,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard Packaging:12mm tape (EIA-481)
• Weight: 0.0032 ounce, 0.092 gram
SURFACE MOUNT SILICON ZENER DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
NOTES:
A.Mounted on 5.0mm2 (.013mm thick) land areas.
B.Measured on 8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum.
VOLTAGE
POWER
6.8 to 51 Volts
1.5 Watts
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
ti
n
U
T
n
o
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
e
sl
u
P
k
a
e
P
L
5
7
=
O
5
7
e
v
o
b
a
e
t
a
r
e
D
)
A
e
t
o
N
(
C
O
C
P
D
5
.
1
s
tt
a
W
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
I
M
S
F
0
1
s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J ,T
G
T
S
0
5
1
+
o
t
5
5
-
O
C
0.185(4.70)
0.160(4.06)
0.050(1.27)
0.030(0.76)
0.220(5.59)
0.200(5.08)
0.012(0.305)
0.006(0.152)


Similar Part No. - 1SMB5921-AU_BX_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5921 PANJIT-1SMB5921 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Shanghai Leiditech Elec...
1SMB5921A LEIDITECH-1SMB5921A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
EIC discrete Semiconduc...
1SMB5921A EIC-1SMB5921A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1SMB5921-AU_BX_10001

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com