Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54-AU_TD_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT54-AU_TD_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54-AU_TD_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT54-AU_TD_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAT54-AU_TD_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAT54-AU_TD_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAT54-AU_TD_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAT54-AU_TD_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 20,2011-REV.04
BAT54
SERIES
Fig.17
SERIES
Fig.16
COMMON CATHODE
COMMON CATHODE
Fig.15
COMMON ANODE
Fig.14
SINGLE
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE 30 Volts
MECHANICAL
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
CURRENT
Pa ra me te r
Sy m bol
Uni ts
Mark i ng co de
-
L4
L4 2
L4 3
L4 4
-
F orward P o wer D i ss i pati on@TA=2 5 OC
P
D
225
mW
P eak Repe ti ti ve Reverse Voltage
V
RRM
30
V
Maxi mum A verage F orward C urrent at TA=7 5OC
I
O
0.2
A
Repeti ti ve P eak Fo rward C urrent(tp=8 .3ms,50 %D uty C ycle)
I
FRM
300
mA
P eak F o rward S urge C urre nt, 1.0s (JE D E C me tho d )
I
FSM
0.6
A
Ma xi mum Instanta ne ous F o rward Vo ltage @ I
F=1 m A
@ I
F = 1 00m A
V
F
0.3 2
0.8
V
Ma xi mum D C Re ve rse C urre nt at Ra ted D C B locki ng
Vo ltage@V
R=2 5 V
I
R
2.0
uA
Junc ti on C apaci tance a t V
R=1 V
C
J
10
pF
Thermal Resi stance, Juncti o n to A mbi ent
R
θJA
500
O
C/ W
Op erati ng Junc ti o n and S to rage Temperature Range
T
J , TSTG
-55 TO +125
O
C
Ci rc ui t F i gure
-
Si ng le
Co mmo n
A node
Co mmo n
Ca tho d e
Se ri e s
-
0.2 Amperes
SOT-23
Unit
inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
BAT5 4 -AU B AT54A -AU B AT54C -AU
BAT54 S -AU


Similar Part No. - BAT54-AU_TD_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54-AU PANJIT-BAT54-AU_16 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54-AU PANJIT-BAT54-AU_17 Datasheet
195Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54-AU_R1_000A1 PANJIT-BAT54-AU_R1_000A1 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54-AU_R1_000A1 PANJIT-BAT54-AU_R1_000A1 Datasheet
195Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54-AU_R2_000A1 PANJIT-BAT54-AU_R2_000A1 Datasheet
139Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT54-AU_TD_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com