Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9260A13DER-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9260A13DER-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9260A13DER-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9260A13DER-G Datasheet HTML 5Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 6Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 7Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 8Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 9Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 10Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 11Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 12Page - Torex Semiconductor XC9260A13DER-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/28
XC9260/XC9261
Series
TEST CIRCUITS(*1)
< Circuit No.① >
< Circuit No.② >
< Circuit No.③ >
< Circuit No.④ >
A
1μF
V
< Circuit No.⑥ >
< Circuit No.⑤ >
ICEH
ICEL
A
A
1uF
Rpulldown
200Ω
Wave Form Measure Point
V
ILIMH
A
V
RL
CL
L
CIN
Wave Form Measure Point
1μF
1μF
1μF
1μF
Wave Form Measure Point
RLXH = (VIN-VLx)/ILX
RLXL = VLx/ILX
ILX
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
VIN
LX
AGND
CE
VOUT
PGND
A
ILeakH
ILeakL
< Circuit No.⑦ >
B TYPE
External Components
fOSC = 1.2MHz
L
: 4.7μH(LTF5022T-4R7N2R0-LC)
CIN : 10μF(ceramic)
CL : 10μF(ceramic)
External Components
fOSC = 3.0MHz
L
: 1.0μH(LQM2MPN1R0MGH)
CIN : 10μF(ceramic)
CL : 10μF(ceramic)
(*1) In the case of SOT-89-5, AGND and PGND are treated as VSS.


Similar Part No. - XC9260A13DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9260A13DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com