Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRH0603-BU-8552ELF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CRH0603-BU-8552ELF
Description  Bourns Chip Resistors and Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRH0603-BU-8552ELF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CRH0603-BU-8552ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 4Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 5Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 6Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 7Page - Bourns Electronic Solutions CRH0603-BU-8552ELF Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
How to Order
CR
0201
-
F
W
-
8252
E
LF
Chip Resistor
Size
• 0201 / 0402 / 0603 / 0805 / 1206 / 2010 / 2512
• H0603 / H0805 / H1206 (H = High value)
• L0603 / L0805 / L1206 / L2010 / L2512 (L = Low value)
• P0603 / P0805 / P1206 (P = Precision value)
Resistance Tolerance
• B = ±0.1 % (for Precision series)
• J = ±5 %
• G = ±2 % (for Ultra-low series)
• F = ±1 %
TCR (PPM/°C)
• X = ±100 with F tolerance only 10 to 1M ohms
• I = -250 to +500 with zero-ohm Jumpers only
• W = ±250 with F and J
• W = ±200 (0.05 to 9.1 ohms) for CRL
• V = ±400 (0.03 to 0.04 ohm) for CRL
• U = ±600 (0.01 to 0.02 ohm) for CRL
• Z = ±50 (for Precision series)
Resistance Value
• F = ±1 %
Three significant digits; 4th digit is number of zeroes following.
< 100 ohms, 24R3 = 24.3 ohms
> 100 ohms, 8252 = 82.5K ohms
• J = ±5 %
Two significant digits; 3rd digit is number of zeroes following.
< 100 Ohms, 24R3 = 24.3 ohms
> 100 Ohms, 474 = 470K ohms
Packaging
• E = Paper Tape (5,000 Pieces) on 7 ” Plastic Reels
• E = Embossed Plastic Tape (4,000 Pieces) on 7 ” Plastic Reels for 2010 and 2512
Terminations
• LF = Tin-Plated (Lead Free)
CRL2512


Similar Part No. - CRH0603-BU-8552ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRH0603-FW-1024ELF BOURNS-CRH0603-FW-1024ELF Datasheet
209Kb / 3P
   CRH0603/CRH0805/CRH1206 - Chip Resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
More results

Similar Description - CRH0603-BU-8552ELF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com