Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9058-60GX Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9058-60GX
Description  36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9058-60GX Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9058-60GX Datasheet HTML 1Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 2Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 3Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 4Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 5Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 6Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 7Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 8Page - Richtek Technology Corporation RT9058-60GX Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9058
6
DS9058-00 April 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Load Transient Response
Time (25ms/Div)
VCC = 12V, VOUT = 3.3V, IOUT = 1mA to 50mA
VOUT
(50mV/Div)
IOUT
(50mA/Div)
Time (25
μs/Div)
VOUT
(2V/Div)
IOUT
(50mA/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 50mA
Power Up Response
VIN
(10V/Div)
Time (100
μs/Div)
VCC
(5V/Div)
VOUT
(10mV/Div)
VCC = 10V to 14V, VOUT = 3.3V, IOUT = 100mA
Line Transient Response
Output Current Limit vs. Temperature
0
30
60
90
120
150
180
210
240
270
300
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V
VCC = 24V
VCC = 36V
VCC = 12V
PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (Hz)
IOUT = 25mA
IOUT = 10mA
VCC = 12V, VOUT = 3.3V
Ground Current vs. Load Current
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
Load Current (mA)
VCC = 12V, VOUT = 3.3V
Rising, TA = 125
°C
Falling, TA = 125
°C
Rising, TA = 25
°C
Falling, TA = 25
°C
Rising, TA =
−40°C
Falling, TA =
−40°C


Similar Part No. - RT9058-60GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9052 RICHTEK-RT9052 Datasheet
212Kb / 9P
   Single Channel LED Current Source Controller
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
   The RT9055 is a dual channel
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
More results

Similar Description - RT9058-60GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9079 RICHTEK-RT9079 Datasheet
177Kb / 10P
   36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
March 2019
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com