Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP61089M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP61089M
Description  TISP61089M SLIC Overvoltage Protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP61089M Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089M Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089M Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089M Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089M Datasheet HTML 5Page - Bourns Electronic Solutions TISP61089M Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEPTEMBER 2013
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, IG =0
VDRM
-170
TJ = 25 °C
TJ = 25 °C
V
Repetitive peak gate-cathode voltage, VKA =0
VGKRM
-167
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000
μs (Bellcore GR-1089-CORE, Issue 1, November 1994, Section 4)
5/310
μs (ITU-T K.20/21/45, YD/T-950, open-circuit voltage wave shape 10/700 μs)
2/10
μs (Bellcore GR-1089-CORE)
30
70
120
Non-repetitive peak on-state current, 60 Hz (see Notes 1 and 2 and Figure 2 on Page 4)
ITSM
A
0.1 s
11
1 s
5 s
300 s
900 s
4.5
2.4
0.95
0.93
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +150
°C
NOTES: 1. Initially the protector must be in thermal equilibrium with TJ = 25 °C. The surge may be repeated after the device returns to its
initial conditions.
2. The rated current values may be applied either to the Ring to Ground or to the Tip to Ground terminal pairs. Additionally, both
terminal pairs may have their rated current values applied simultaneously (in this case the Ground terminal current will be twice
the rated current value of an individual terminal pair).
TISP61089M SLIC Overvoltage Protector
Absolute Maximum Ratings, TJ = 25 °C (Unless Otherwise Noted)
Recommended Operating Conditions
Min
Typ
Max
Unit
CG
Gate decoupling capacitor
100
nF
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
VD =VDRM, VGK =0
TJ =25 °C-5
µA
TJ =85 °C-50
µA
V(BO)
Breakover voltage
2
(see Note 4)
/10 µs, ITM = -100 A, di/dt = -80 A/µs, RS =50 Ω, VGG = -100 V,
-112
V
VF
Forward voltage
IF =5 A, tw =200 μs3
V
VFRM
Peak forward recovery
voltage
2/10 µs, IF = 100 A, di/dt = 80 A/µs, RS =50 Ω, (see Note 4)
10
V
IH
Holding current
I T = -1 A, di/dt = 1A/ms, VGG = -100 V
-150
mA
IGAS
Gate reverse current
VGG =VGK =VGKRM, VKA =0
TJ =25 °C-5
µA
TJ =85 °C-50
µA
IGT
Gate trigger current
IT =-3 A, tp(g) ≥ 20 µs, VGG =-48 V
5
mA
VGT
Gate trigger voltage
IT =-3 A, tp(g) ≥ 20 µs, VGG =-48 V
2.5
V
CAK
Anode-cathode off-state
capacitance
f= 1MHz, Vd =1V, IG = 0, (see Note 3)
VD =-3 V
100
pF
VD =-48 V
50
pF
NOTE: 3. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
NOTE: 4. Voltage measurements should be made with an oscilloscope with limited bandwidth (20 MHz) to avoid high frequency noise.


Similar Part No. - TISP61089M

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61089M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1100C_L LITTELFUSE-B1100C_L Datasheet
153Kb / 3P
   SLIC Protector
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
P0641CA2 LITTELFUSE-P0641CA2 Datasheet
118Kb / 2P
   Twin SLIC Protector
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
B1160CARP LITTELFUSE-B1160CARP Datasheet
132Kb / 2P
   Battrax SLIC Protector
B1160CCRP LITTELFUSE-B1160CCRP Datasheet
132Kb / 2P
   Battrax SLIC Protector
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com