Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB3EZ36-AU Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SMB3EZ36-AU
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB3EZ36-AU Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SMB3EZ36-AU Datasheet HTML 1Page - Pan Jit International Inc. 1SMB3EZ36-AU Datasheet HTML 2Page - Pan Jit International Inc. 1SMB3EZ36-AU Datasheet HTML 3Page - Pan Jit International Inc. 1SMB3EZ36-AU Datasheet HTML 4Page - Pan Jit International Inc. 1SMB3EZ36-AU Datasheet HTML 5Page - Pan Jit International Inc. 1SMB3EZ36-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
January 02,2012-REV.08
1SMB3EZ4.7-AU SERIES
Fig.3 Typical Leakage Characteristics
Fig.2 Typical Junction Capacitance
Fig.1 Steady-State Power Derating Curve
Fig.5 Typical Zener Characteristics
0
1
2
3
0
25
50
75
100
125
150
TL, Lead Temperature (°C)
Fig.6 Units 4.7 To 12 Volts
VZ, Zener Voltage(V)@ IZT Voltage(V)
VZ, Zener Voltage(V)@ IZT Voltage(V)
Fig.7 Units 10 To 51 Volts
Fig.4 Typical Zener Characteristics
VZ, Zener Voltage(V)
100
1000
10000
110
VR, Reverse Bias Voltage (V)
5.6V
6.2V
4.7V
0.01
0.1
1
10
100
0123
4567
VR, Reverse Voltage (V)
6.2V
5.6V
4.7V
TJ=25°C
0.1
1
10
100
1000
2345
678
VZ, Zener Voltage (V)
6.2V
5.6V
4.7V
TJ=25°C
0
2
4
6
8
10
34
567
89
10 11 12
RANGE
20V 30V 39V
o
T =25 C
J
RANGE


Similar Part No. - 1SMB3EZ36-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB3EZ36 PANJIT-1SMB3EZ36 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
logo
Transys Electronics
1SMB3EZ36 TRSYS-1SMB3EZ36 Datasheet
373Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMB3EZ36 PANJIT-1SMB3EZ36 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
1SMB3EZ36 PANJIT-1SMB3EZ36 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results

Similar Description - 1SMB3EZ36-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com