Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3894-98F Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR3894-98F
Description  37-40GHz Integrated Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3894-98F Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR3894-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 10Page - United Monolithic Semiconductors CHR3894-98F Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
37-40GHz Integrated Down Converter
CHR3894-98F
Ref. : DSCHR38941192 - 11 Jul 11
7/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performances
Tamb.= +25°C, VD = VD1 =+4V, VGL = -0.15V, VGX= -0.9V, P_LO = 0dBm (IDt = 250mA)
Input IP3 vs RF frequency at IF 3.5GHz
without attenuation: GC= -2V
IMD3 vs RF frequency at IF 3.5GHz
without attenuation: GC= -2V
Input IP3 vs gain control voltage
at 38GHz (IF 2GHz)
IMD3 vs gain control voltage
at 38GHz (IF 2GHz)
Isolation LO on RF @ LO and 2LO
-6
-4
-2
0
2
4
6
8
10
-24
-22
-20
-18
-16
-14
-12
-10
-8
Input Power DCL (dBm)
37.5GHz
38.5GHz
39.5GHz
40.5GHz
0
10
20
30
40
50
60
70
-24
-22
-20
-18
-16
-14
-12
-10
-8
Input Power DCL (dBm)
37.5GHz
38.5GHz
39.5GHz
40.5GHz
-6
-4
-2
0
2
4
6
8
10
-24
-22
-20
-18
-16
-14
-12
-10
-8
Input Power DCL (dBm)
-2V
-0.5V
-0.4V
0V
0.6V
0
10
20
30
40
50
60
70
-24
-22
-20
-18
-16
-14
-12
-10
-8
Input Power DCL (dBm)
-2V
-0.5V
-0.4V
0V
0.6V


Similar Part No. - CHR3894-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3894-98F UMS-CHR3894-98F Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
More results

Similar Description - CHR3894-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com