Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3861-QEG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3861-QEG
Description  6-9GHz Integrated Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3861-QEG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3861-QEG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
6-9GHz Down Converter
CHR3861-QEG
RefDSCHR3861-QEG1192 - 11 Jul 11
3/18
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Configuration 2: High Gain & low Noise with GC3 = GC4
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
5.9
9.0
GHz
FLO
LO frequency range
3.0
12.5
GHz
FIF
IF frequency range
DC
3.5
GHz
Gc
Conversion gain@ min. attenuation
(1)
22
dB
∆G
Gain control range with Gc3=GC4
18
dB
NF
Noise Figure@ min. attenuation
2
dB
Im_rej
Image rejection
(1)
15
dBc
PLO
LO Input power
0
dBm
IIP3
Input IP3@ at Gc max.
-6
dBm
VD, VD1
DC drain voltage
4
V
Id
Total drain current at Gc max.
380
mA
VG
LNA DC gate voltage
-0.3
V
B
LO buffer & Mixer DC voltage
-4
V
GC3, GC4 Gain control DC voltage
-1.5
0
V
(1) An external combiner 90° is required on I / Q.
These values are representative of on board measurements as defined on the drawing at
paragraph “Evaluation mother board”.
Note: Id not affected by GC3, GC4.
Note: Electrostatic discharge sensitive device observe handling precautions!


Similar Part No. - CHR3861-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
CHR3861-QEG UMS-CHR3861-QEG_15 Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
More results

Similar Description - CHR3861-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG_15 Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHM1481-QFG UMS-CHM1481-QFG Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com